Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 82Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 83Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 84Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-86
2.9
Serial Bus Interface (SBI-ver. D)
The TMP88CS38 and TMP88CM38ACP38A has a 1-channel serial bus interface which
employs a clocked-synchronous 8-bit serial bus interface and an I2C bus (a bus system by
Philips). The serial bus interface pins are selectively used as either channel 0 or channel 1.
The serial interface is connected to external devices through P35 (SDA0)/P52 (SDA1) and P34
(SCL0)/P51 (SCL1) in the I2C bus mode; and through P53 ( SCK1 ), P52 (SO1) and P51 (SI1) in
the clocked-synchronous 8-bit SIO mode.
The serial bus interface pins are also used for the P3/P5 port. When used for serial bus
interface pins, set the P3/P5 output latches of these pins to “1”. When not used as serial bus
interface pins, the P3/P5 port is used as a normal I/O port.
Note 1: When P3 and P5 is used as serial bus interface pins, P35, P34, P51 and P50 should be set
as a sink open-drain output by clearing PSELCR to “0”.
Note 2: The I
2C of TMP88CS38 and TMP88CM38A/CP38A can be used only in the standard mode
of I
2C. The fast mode and the high speed mode can not be used.
2.9.1
Configuration
Figure 2.9.1 Serial Bus Interface (SBI)
INTSBI interrupt request
SIO
clock
control
SIO
data control
Transfer
control
circuit
I
2C bus
clock
sync.
+
Control
Shift
register
I
2C bus
data
control
SCL
Input/
output
control
SO
fc/2
SBICRB/
SBISR
SBIDBR
SBICRA
SBI control register B/
SBI status register
I
2C bus
address register
SBI data
buffer register
SBI control register A
SI
SDA
P52
P34
(SDA1/SO1)
(SDA0)
(SCL0)
P35
Divider
Noise
canceller
Noise
canceller
I2CAR
Source clock
generator
fc/4
SCK
P53
( SCK )
P51
(SCL1/SI1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com