Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 7Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 8Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 9Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 10Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 11Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 12Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 13Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 14Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-11
(2) Machine cycle
Instruction execution and peripheral hardware operation are synchronized with the
main system clock. The minimum instruction execution unit is called a “machine cycle”.
There are a total of 15 different types of instructions for the TLCS-870/X series:
Ranging from 1-cycle instructions which require one machine cycle for execution to
15-cycle instructions which require 15 machine cycles for execution.
A machine cycle consists of 4 states (S0 to S3), and each state consists of one main
system clock.
Figure 1.4.6 Machine Cycle
1.4.3
Standby Controller
The standby controller starts and stops the switches the main system clock. These modes
are controlled by the system control registers (SYSCR1, SYSCR2).
Figure 1.4.7 shows the operating mode transition diagram and Figure 1.4.8 shows the
system control registers.
(1) Single-clock mode
In the single-clock mode, the machine cycle time is 4/fc [s] (0.25
μs at fc = 16 MHz).
1. NORMAL mode
In this mode, both the CPU core and on-chip peripherals operate using the
high-frequency clock.
2. IDLE mode
In this mode, the internal oscillation circuit remains active. The CPU and the
watchdog timer are halted; however, on-chip peripherals remain active (Operate
using the high-frequency clock). IDLE mode is started by setting IDLE bit in the
system control register 2 (SYSCR2), and IDLE1 mode is released to NORMAL
mode by an interrupt request from on-chip peripherals or external interrupt
inputs. When IMF (Interrupt master enable flag) is “1” (Interrupt enable), the
execution will resume upon acceptance of the interrupt, and the operation will
return to normal after the interrupt service is completed. When IMF is “0”
(Interrupt disable), the execution will resume with the instruction which follows
IDLE mode start instruction.
3. STOP mode
In this mode, the internal oscillation circuit is turned off, causing all system
operations to be halted. The internal status immediately prior to the halt is held
with the lowest power consumption during this mode.
STOP mode is started by setting STOP bit in the system control register 1
(SYSCR1), and STOP mode is released by an input (Either level-sensitive or
edge-sensitive can be programmably selected) to the STOP pin. After the warm-up
period is completed, the execution resumes with the next instruction which
follows the STOP mode start instruction.
1/fc
Main system clock
fm
State
Machine cycle
(0.25
μs at fc = 16 MHz)
S3
S2
S1
S0
S3
S2
S1
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com