Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-99
To make the transmitter terminate transmit, clear the ACK to “0” before
reading data which is 1 word before the last data to be received. A serial bus
interface circuit does not generate a clock pulse for the acknowledge signal by
clearing ACK. In the interrupt routine of end of transmission, when the BC is set
to “001” and read the data, PIN is set to “1” and generates a clock pulse for a 1-bit
data transfer. In this case, since the master device is a receiver, the SDA line on a
bus keeps the high level. The transmitter receives the high-level signal as an ACK
signal. The receiver indicates to the transmitter that data transfer is complete.
After 1-bit data is received and an interrupt request has occurred, generates the
stop condition to terminate data transter.
Figure 2.9.16 Termination of Data Transfer in Master Receiver Mode
b. When the MST is “0” (Slave mode)
In the slave mode, a serial bus interface circuit operates either in normal slave
mode or in slave mode after losing arbitration.
In the slave mode, the conditions of generating INTSBI are follows:
•
When the received slave address matches to the value set by the I2CAR
•
When a “GENERAL CALL” is received
•
At the end of transferring or receiving after matching of slave address or
receiving of “GENERAL CALL”
A serial bus interface circuit changes to a slave mode if arbitration is lost in the
master mode. And an INTSBI interrupt request occurs when word data transfer
terminates after losing arbitration. The behavior of INTSBI and PIN after losing
arbitration are shown in Table 2.9.2.
Table 2.9.2 The Behavior of INTSBI and PIN after Losing Arbitration
When the arbitration occurs during transmission
of slave address as a master
When the arbitration occurs during transmission
of data as a master transmit mode
INTSBI
INTSIB is generated at the terminatin of word data.
PIN
When the slave address matches the value set by
I2CAR, the PIN is cleared to “0” by generating of
INTSBI. When the slave address doesn’t match
the value set by I2CAR, the PIN keeps “1”.
PIN keeps “1”.
Check the AL (Bit3 in the SBISR), the TRX (Bit6 in the SBISR), the AAS (Bit2
in the SBISR), and the AD0 (Bit1 in the SBISR) and implements processes
according to conditions listed in Table 2.9.3.
SCL pin
SDA pin
Acknowledge signal
sent to a transmitter
1
2
34
567
8
1
D7
D6
D5
D4
D3
D2
D1
PIN
INTSBI interrupt
request
D0
“0”
→ ACK
Read SBIDBR
“001”
→ BC
Read SBIDBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com