Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 104 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 104 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 103Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 104Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 105Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 106Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 107Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 108Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-104
b. Shift edge
The leading edge is used to transmit data, and the trailing edge is used to
receive data.
1. Leading edge
Data is shifted on the leading edge of the serial clock (at a falling edge of the
SCK
pin input/output).
2. Trailing edge
Data is shifted on the trailing edge of the serial clock (at a rising edge of the
SCK
pin input/output).
Figure 2.9.23 Shift Edge
(2) Transfer mode
The SIOM (Bits 5 and 4 in SBICRA) is used to select a transmit, receive, or
transmit/receive mode.
a. 8-bit transmit mode
Set a control register to a transmit mode and write transmit data to the
SBIDBR.
After the transmit data is written, set the SIOS to “1” to start data transfer. The
transmitted data is transferred from the SBIDBR to the shift register and output
to the SO pin in synchronous with the serial clock, starting from the least
significant bit (LSB). When the transmit data is transferred to the shift register,
the SBIDBR becomes empty. The INTSBI (Buffer empty) interrupt request is
generated to request new data.
When the internal clock is used, the serial clock will stop and automatic-wait
function will be initiated if new data is not loaded to the data buffer register after
the specified 8-bit data is transmitted. When transmit new data is written,
automatic-wait function is canceled.
When the external clock is used, data should be written to the SBIDBR before
new data is shifted.
The SO pin is “1” from the time transmission starts until the first data bit is
sent. When SIOF becomes “0”, the shift register is cleared. So, output of an
undefined value is not prevented at the start of the next transmission.
The transfer speed is determined by the maximum delay time between the time
when an interrupt request is generated and the time when data is written to the
SBIDBR by the interrupt service program.
SCK
pin
SO pin
Shift register
Bit0
(a) Leading edge
SCK
pin
SI pin
Shift register
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
76543210
*7654321
**765432
***76543
****7654
*****765
******76
*******7
Bit0
(b) Trailing edge
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
********
0*******
10******
210*****
3210****
43210***
543210**
6543210* 76543210
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com