Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 27 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 27 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 23Page - Microchip Technology ATSHA204A Datasheet HTML 24Page - Microchip Technology ATSHA204A Datasheet HTML 25Page - Microchip Technology ATSHA204A Datasheet HTML 26Page - Microchip Technology ATSHA204A Datasheet HTML 27Page - Microchip Technology ATSHA204A Datasheet HTML 28Page - Microchip Technology ATSHA204A Datasheet HTML 29Page - Microchip Technology ATSHA204A Datasheet HTML 30Page - Microchip Technology ATSHA204A Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
Figure 5-1. 3-wire Configuration for Single-Wire Interface
VCC
SDA
GND
5.6.1
2-lead Configuration
There is an internal gated switch that is connected between the SDA and VCC pins which permits the
ATSHA204A to steal power from the SDA pin and store it on the bypass capacitor. In this case, the VCC
pin does not need to be connected to the Host’s power supply. This configuration permits the board
containing the ATSHA204A and a bypass capacitor to be connected to the Host’s microprocessor using
just two leads (that is, SDA and GND).
If the system supply voltage level is at least 3V, the pull-up resistor should be no greater than 1K and the
capacitor no less than 0.03 μF. The device operates properly keeping VCC at or above the specification
level of 2V. Contact Microchip for other configuration information.
In a 2-lead configuration, the SDA pin must be driven high to VCC using an active driver capable of
supplying ICC for the entire duration of any command execution and a totem pole driver should be used to
send data to the device. The SDA line should only be reliant on the pull-up resistor during transmission of
data from the ATSHA204A to the system
Figure 5-2. 2-lead Configuration for Single-Wire Interface
VCC
SDA
GND
ATSHA204A
Single-Wire Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com