Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 56 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 56 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 52Page - Microchip Technology ATSHA204A Datasheet HTML 53Page - Microchip Technology ATSHA204A Datasheet HTML 54Page - Microchip Technology ATSHA204A Datasheet HTML 55Page - Microchip Technology ATSHA204A Datasheet HTML 56Page - Microchip Technology ATSHA204A Datasheet HTML 57Page - Microchip Technology ATSHA204A Datasheet HTML 58Page - Microchip Technology ATSHA204A Datasheet HTML 59Page - Microchip Technology ATSHA204A Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
2.
Optionally run the GenDig command to combine one or more stored EEPROM locations in the
device with the nonce. The result is stored internally in the device within tempkey. This capability
permits two or more keys to be used as part of the response generation.
3.
Run this MAC command to combine the output of Step 1 (and Step 2 if desired) with an EEPROM
key to generate an output response (or digest).
Table 8-22. Input Parameters
Name
Size
Notes
Opcode
MAC
1
0x08.
Param1
Mode
1
Controls which fields within the device are used in the message.
Param2
SlotID
2
Which internal key is to be used to generate the response.
Bits 3-0 only are used to select a slot but all 16 bits are used in the
SHA-256 message.
Data
Challenge
0 or 32 Input portion of message to be digested, ignored if Mode<0> is one.
Table 8-23. Output Parameter
Name
Size
Notes
Response
32
SHA-256 digest.
The message that is hashed with the SHA-256 algorithm consists of the following information:
32 bytes
key<SlotID> or TempKey (See table below)
32 bytes
Challenge or TempKey (See table below)
1 byte
Opcode (Always 0x08.)
1 byte
Mode
2 bytes
Param2
8 bytes
OTP<0:7> or zeros (See table below)
3 bytes
OTP<8:10> or zeros (See table below)
1 byte
SN<8>
4 bytes
SN<4:7> or zeros (See table below)
2 bytes
SN<0:1>
2 bytes
SN<2:3> or zeros (See table below)
Table 8-24. Mode Encoding
Bits Meaning
7
Must be zero.
6
0 =
Set the bits corresponding to SN<2:3> and SN<4:7> to 0.
1=
Include the 48 bits SN<2:3> and SN<4:7> in the message.
5
If Mode<4> is set, the value of this mode bit is ignored.
0 =
Set the Corresponding 64 OTP bits to 0.
ATSHA204A
Security Commands
© 2018 Microchip Technology Inc.
DS40002025A-page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com