Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 11 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology ATSHA204A Datasheet HTML 11Page - Microchip Technology ATSHA204A Datasheet HTML 12Page - Microchip Technology ATSHA204A Datasheet HTML 13Page - Microchip Technology ATSHA204A Datasheet HTML 14Page - Microchip Technology ATSHA204A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Bit 0:
0 = Single-Wire Interface Mode.
1= I2C interface Mode.
2.1.2.2
I2C_Address
I2C Mode I2C_Enable<0> = 1
Bits 7 – 1:
I2C device address
Bit 3:
TTL Enable (Dual purpose bit)
Part of I2C Address and set’s the threshold level.
0= Input level uses a fixed reference.
1 = Input level uses the VCC as reference.
Bit 0:
Ignored.
Single-Wire Mode I2C_Enable<0> = 0
Bits 7–4:
Ignored.
Bit 3:
TTL Enable
0= Input level uses a fixed reference.
1 = Input level uses the VCC as reference.
Bits 2–0:
Ignored.
2.1.2.3
CheckMacConfig
This byte applies only to the CheckMac, Read and Write commands:
•
Read and Write: CheckMacConfig<0> controls Slots 0 and 1, CheckMacConfig<1> controls Slots
2 and 3 and so on. Any encrypted Read or Write command fails if the value in
TempKey.SourceFlag does not match the corresponding bit in this byte. This byte is ignored for
clear text reads and writes.
•
CheckMac: CheckMacConfig<0> controls slot 1, CheckMacConfig<1> controls Slot 3 and so on.
The copy function can only be enabled if the CheckMacSource value corresponding to the target
slot matches the value of Mode bit 2 of the CheckMac command. The command fails if Mode bit 2
does not match TempKey.SourceFlag, so this is equivalent to requiring the corresponding bit in this
byte to match TempKey.SourceFlag.
2.1.2.4
OTP Mode
0xAA (Read-only mode) = When OTP zone is locked, writes are disabled and reads of all words are
permitted.
0x55 (Consumption mode) = Writes to the OTP zone when the OTP zone is locked causes the bits to
transition only from a one to a zero. Reads of all words are permitted.
0x00 (Legacy mode) = When OTP zone is locked, writes are disabled, reads of Words 0 and 1 and 32-
byte reads are disabled.
All other modes are reserved.
ATSHA204A
Device Organization
© 2018 Microchip Technology Inc.
DS40002025A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com