Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 59 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 59 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 55Page - Microchip Technology ATSHA204A Datasheet HTML 56Page - Microchip Technology ATSHA204A Datasheet HTML 57Page - Microchip Technology ATSHA204A Datasheet HTML 58Page - Microchip Technology ATSHA204A Datasheet HTML 59Page - Microchip Technology ATSHA204A Datasheet HTML 60Page - Microchip Technology ATSHA204A Datasheet HTML 61Page - Microchip Technology ATSHA204A Datasheet HTML 62Page - Microchip Technology ATSHA204A Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
The Pause command differs from the idle flag/sequence in that individual devices on the single pin bus
may be selected to go into the idle state, as opposed to the idle flag which causes all the
CryptoAuthentication devices on the bus into the idle state.
If the EEPROM Selector byte does not match the input selector parameter, the device immediately goes
to the idle state. If the input selector parameter does match the configuration selector byte, the device
returns a success code of 0x00.
The Pause command cannot be used to put the devices into the sleep state.
Table 8-28. Input Parameters
Name
Size
Notes
Opcode
Pause
1
0x01.
Param1
Selector
1
All devices that do not match this value go to idle state.
Param2
Zero
2
Must be 0x0000.
Data
—
0
—
Table 8-29. Output Parameter
Name
Size Notes
Success
1
If the command indicates that some other device should idle, the ATSHA204A returns a value of
0x00.
If this device goes to idle, no value is returned.
8.5.14
Random Command
The Random command generates a random number for use by the system.
Random numbers are generated through a combination of the output of a hardware RNG and an internal
seed value stored in the EEPROM or SRAM. The external system may choose to update the internally
stored EEPROM seed value prior to the generation of the random number as part of the execution of the
Nonce or Random command, for highest security, Microchip recommends that the EEPROM seed
always be updated.
The Random command does not provide a mechanism to integrate an input number with the internal
stored seed. If this functionality is desired, the system should use the Nonce command and ignore the
generated nonce.
Prior to the configuration section being locked, the RNG produces a 32 byte value of 0xFF, 0xFF,
0x00, 0x00, 0xFF, 0xFF, 0x00, 0x00... to facilitate testing.
The same internally stored seeds are used for both the Nonce and Random commands. Use of
Mode<0> ensures that the EEPROM is updated, if necessary.
Table 8-30. Input Parameters
Name
Size
Notes
Opcode
Random
1
0x1B.
Param1
Mode
1
Controls the mechanism of the internal RNG and seed update.
ATSHA204A
Security Commands
© 2018 Microchip Technology Inc.
DS40002025A-page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com