Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 53 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 53 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 49Page - Microchip Technology ATSHA204A Datasheet HTML 50Page - Microchip Technology ATSHA204A Datasheet HTML 51Page - Microchip Technology ATSHA204A Datasheet HTML 52Page - Microchip Technology ATSHA204A Datasheet HTML 53Page - Microchip Technology ATSHA204A Datasheet HTML 54Page - Microchip Technology ATSHA204A Datasheet HTML 55Page - Microchip Technology ATSHA204A Datasheet HTML 56Page - Microchip Technology ATSHA204A Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
If zone is Data and SlotConfig<SlotID>.CheckOnly is one, the SHA-256 message body used to create the
resulting new TempKey consists of the following bytes:
32 bytes
Slot<SlotID>
4 bytes
OtherData
1 byte
SN<8>
2 bytes
SN<0:1>
25 bytes
Zeros
32 bytes
TempKey.value
In all other cases, the message use to create TempKey is as follows:
32 bytes
Config<SlotID> or OTP<SlotID> or Data.slot<SlotID> or TransportKey<SlotID>
1 byte
Opcode
1 byte
Param1
2 bytes
Param2
1 byte
SN<8>
2 bytes
SN<0:1>
25 bytes
Zeros
32 bytes
TempKey.value
8.5.9
HMAC Command
The HMAC command computes an HMAC/SHA-256 digest of a key stored in the device, a challenge and
other information on the device. The output of this command is the output of the HMAC algorithm
computed over this key and message. If the message includes the serial number of the device, the
response is said to be “diversified”.
The normal command flow to use this command is as follows:
1.
Run the Nonce command to load input challenge and optionally combine it with a generated
random number. The result of this operation is a nonce stored internally on the device.
2.
Optionally run the GenDig command to combine one or more stored EEPROM locations in the
device with the nonce. The result is stored internally in the device.
3.
Run this HMAC command to combine the output of step one (and Step 2 if desired) with an
EEPROM key to generate an output response.
Step 2 addresses multiple use models. If the data in the EEPROM is a key, GenDig has the effect of
authenticating the challenge with multiple secret keys. Alternatively, if the contents of the slot are data
(which do not have to necessarily even be secret), GenDig has the effect of authenticating the value
stored in that location.
Table 8-17. Input Parameters
Name Size Notes
Opcode HMAC
1
0x11.
Param1 Mode
1
Controls which fields within the device are used in the message.
Param2 SlotID
2
Which key is to be used to generate the response.
ATSHA204A
Security Commands
© 2018 Microchip Technology Inc.
DS40002025A-page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com