Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 5 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 5 Page - Microchip Technology

  ATSHA204A Datasheet HTML 1Page - Microchip Technology ATSHA204A Datasheet HTML 2Page - Microchip Technology ATSHA204A Datasheet HTML 3Page - Microchip Technology ATSHA204A Datasheet HTML 4Page - Microchip Technology ATSHA204A Datasheet HTML 5Page - Microchip Technology ATSHA204A Datasheet HTML 6Page - Microchip Technology ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
1.
Introduction
The following sections introduce the features and functions of the Microchip ATSHA204A crypto element
device.
1.1
Applications
The ATSHA204A is a member of the Microchip CryptoAuthentication™ family of high-security hardware
authentication devices. It has a flexible command set that allows use in many applications, including the
following:
•
Anti-Counterfeiting
Validates that a removable, replaceable, or consumable client is authentic. Example of clients could
be printer ink tanks, electronic daughter cards, medical disposables, or spare parts. The device can
also be used to validate (authenticate) a software/firmware module or memory storage element.
•
Protecting Firmware or Media
Validates code that is stored in flash memory at boot time to prevent unauthorized modifications
(this is also known as secure boot), encrypts downloaded media files and uniquely encrypts code
images to be usable on a single system only.
•
Exchanging Session Keys
Securely and easily exchanges stream encryption keys for use by an encryption/decryption engine
in the system microprocessor to manage a confidential communications channel, an encrypted
download and similar items.
•
Storing Data Securely
Stores secret keys for use by crypto accelerators in standard microprocessors. It can also be used
to store small quantities of data necessary for configuration, calibration, ePurse value, consumption
data, or other secrets. Programmable protection up through encrypted/authenticated reads and
writes.
•
Checking User Password
Validates user-entered passwords without letting the expected value become known, mapping
simple passwords to complex ones and securely exchanging password values with remote
systems.
1.2
Device Features
The ATSHA204A device includes an Electrically Erasable Programmable Read-Only Memory (EEPROM)
array that can be used for key storage, miscellaneous read/write data, read-only, secret data,
consumption logging and security configuration. Access to the various sections of memory can be
restricted in a variety of ways and the configuration can then be locked to prevent changes. See Section
EEPROM Organization for details.
The ATSHA204A features a wide array of defense mechanisms specifically designed to prevent physical
attacks on the device itself or logical attacks on the data transmitted between the device and the system
see Section Security Features for more details. Hardware restrictions on the way keys are used or
generated provide further defense against certain styles of attack.
Access to the device is made through a standard I2C interface at speeds of up to 1 Mb/s. see Section I2C
Interface for details. It is compatible with I2C interface specifications. The device also supports a
Single-Wire Interface (SWI) that can reduce the number of GPIOs required on the system processor
and/or reduce the number of pins on connectors. See Section Single-Wire Interface for more details.
ATSHA204A
Introduction
© 2018 Microchip Technology Inc.
DS40002025A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com