Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 30 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 30 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 26Page - Microchip Technology ATSHA204A Datasheet HTML 27Page - Microchip Technology ATSHA204A Datasheet HTML 28Page - Microchip Technology ATSHA204A Datasheet HTML 29Page - Microchip Technology ATSHA204A Datasheet HTML 30Page - Microchip Technology ATSHA204A Datasheet HTML 31Page - Microchip Technology ATSHA204A Datasheet HTML 32Page - Microchip Technology ATSHA204A Datasheet HTML 33Page - Microchip Technology ATSHA204A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Figure 6-3. NACK and ACK Conditions on I2C Interface
Data Output
by Receiver
SCL from
Master
Data Output
by Transmitter
Clock Pulse for
Acknowledgment
Start
Condition
S
Not Acknowledge
Acknowledge
12
8
9
Multiple ATSHA204A devices can share the same I2C interface if the I2C_Address byte is programmed
differently for each device on the bus. Because six of the bits of the device address are programmable,
the ATSHA204A can also share the I2C interface with any standard I2C device, including any serial
EEPROM. Bit 3 (also known as TTL Enable) must be programmed according to the input thresholds
desired and it is fixed in a particular application.
6.2
I2C Transmission to the ATSHA204A Device
The transmission of data from the system to the ATSHA204A is summarized in the figure below. The
order of transmission is as follows:
1.
Start Condition
2.
Device Address Byte
3.
Word Address Byte
4.
Optional Data Bytes (1 through N)
5.
Stop Condition
Figure 6-4. Normal I2C Transmission to an ATSHA204A
1-7
8
9
1-7
8
9
1-7
8
9
1-7
8
9
1-7
8
9
SCL
SDA
S
P
R/W
ACK1
ACK1
ACK1
Word
Address
Data 1
ACK1
Data 2
Start
Condition
Stop
Condition
Device
Address
ACK1
Data N
Note:  SDA is driven low by the ATSHA204A during the ACK periods
The following table labels the bytes of the I/O transaction. The I2C name column provides the names of
the bytes as they are described in the AT24C16 Datasheet.
Table 6-1. I2C Transmission to the ATSHA204A
ATSHA204A
I2C Name
Direction Description
Device Address
Device
Address
To Slave
This byte selects a particular device on the I2C interface. The
ATSHA204A is selected if bits 1 through 7 of this byte match bits 1 thru
ATSHA204A
I2C Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com