Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 51 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 51 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 47Page - Microchip Technology ATSHA204A Datasheet HTML 48Page - Microchip Technology ATSHA204A Datasheet HTML 49Page - Microchip Technology ATSHA204A Datasheet HTML 50Page - Microchip Technology ATSHA204A Datasheet HTML 51Page - Microchip Technology ATSHA204A Datasheet HTML 52Page - Microchip Technology ATSHA204A Datasheet HTML 53Page - Microchip Technology ATSHA204A Datasheet HTML 54Page - Microchip Technology ATSHA204A Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Figure 8-2. Data Flow for DeriveKey Command
Match
Parent
Key
Target
Key
SHA
(AUTH)
Input MAC
SHA
(Device)
Mode
Source
Key
Nonce
8.5.7
DevRev Command
DevRev command returns a single four-byte word representing the revision number of the device.
Software should not depend upon this value because it may change from time to time.
Table 8-13. Input Parameters
Name
Size
Notes
Opcode
DevRev
1
0x30.
Param1
Mode
1
Must be zero.
Param2
—
2
Must be zero.
Data
—
0
—
Table 8-14. Output Parameters
Name
Size
Notes
Success
4
The current device revision number.
8.5.8
GenDig Command
The GenDig command uses SHA-256 to combine a stored value with the contents of TempKey, which
must have been valid prior to the execution of this command. The stored value can come from one of the
data slots, either of the OTP pages, either of the first two pages of the Configuration zone, or retrieved
from the hardware transport key array. The resulting digest is retained in TempKey and can be used in
one of three ways as follows:
1.
It can be included as part of the message used by the MAC, CheckMac, or HMAC commands.
Because the MAC response output incorporates both the data used in the GenDig calculation and
the secret key from the MAC command, it serves to authenticate the data stored in the Data and/or
OTP zones.
ATSHA204A
Security Commands
© 2018 Microchip Technology Inc.
DS40002025A-page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com