Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 1 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 1 Page - Microchip Technology

  ATSHA204A Datasheet HTML 1Page - Microchip Technology ATSHA204A Datasheet HTML 2Page - Microchip Technology ATSHA204A Datasheet HTML 3Page - Microchip Technology ATSHA204A Datasheet HTML 4Page - Microchip Technology ATSHA204A Datasheet HTML 5Page - Microchip Technology ATSHA204A Datasheet HTML 6Page - Microchip Technology ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
ATSHA204A
ATSHA204A Microchip CryptoAuthentication Data Sheet
Features
•
Crypto Element with Protected Hardware-Based Key Storage
•
Secure Symmetric Authentication Device Host and Client Operations
•
Superior SHA-256 Hash Algorithm with Message Authentication Code (MAC) and Hash-Based
Message Authentication Code (HMAC) Options
•
Best-in-class, 256-bit Key Length; Storage for Up to 16 Keys
•
Guaranteed Unique 72-bit Serial Number
•
Internal, High-quality Random Number Generator (RNG)
•
4.5 kb EEPROM for Keys and Data
•
512 bit OTP (One Time Programmable) Bits for Fixed Information
•
Multiple I/O Options
–
UART-compatible High-Speed, Single-Wire Interface
–
1 MHz I2C Interface
•
2.0V to 5.5V Supply Voltage Range
•
1.8V to 5.5V Communications Voltage Range
•
<150 nA Sleep Current
•
Secure Download and Boot
–
Ecosystem Control
–
Message Security
–
Anti-Cloning
•
8-lead SOIC, 8-lead TSSOP (2), 3-lead SOT23, 8-pad UDFN and
3-lead CONTACT Packages
Applications
•
Secure Download and Boot
•
Ecosystem Control
•
Anti-cloning
•
Message Security
© 2018 Microchip Technology Inc.
DS40002025A-page 1


Similar Part No. - ATSHA204A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSHA204A ATMEL-ATSHA204A Datasheet
715Kb / 2P
CryptoAuthentication Familyof Crypto Elements withHardware-Based Key Storage
logo
Microchip Technology
ATSHA204A MICROCHIP-ATSHA204A Datasheet
273Kb / 1P
CryptoAuthentication SOIC Socket Board 88CKSCKTSOIC XPRO
logo
ATMEL Corporation
ATSHA204A-MAHCZ-T ATMEL-ATSHA204A-MAHCZ-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
ATSHA204A-MAHDA-T ATMEL-ATSHA204A-MAHDA-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
ATSHA204A-MXHCZ-T ATMEL-ATSHA204A-MXHCZ-T Datasheet
1Mb / 82P
Atmel CryptoAuthentication
More results

Similar Description - ATSHA204A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
Atmel CryptoAuthentication
logo
AVX Corporation
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
Standard Microchip
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
Atmel CryptoAuthentication
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608B MICROCHIP-ATECC608B Datasheet
984Kb / 28P
CryptoAuthentication™ Device Summary Data Sheet
July 2020 Revision A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com