Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204A Datasheet(PDF) 12 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology ATSHA204A Datasheet HTML 11Page - Microchip Technology ATSHA204A Datasheet HTML 12Page - Microchip Technology ATSHA204A Datasheet HTML 13Page - Microchip Technology ATSHA204A Datasheet HTML 14Page - Microchip Technology ATSHA204A Datasheet HTML 15Page - Microchip Technology ATSHA204A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
2.1.2.5
Selector Mode
If 0x00, then the Selector is updated with UpdateExtra.
All other values can only allow the Selector to be updated if its value is zero.
2.1.2.6
Slot Config
See Table SlotConfig Bits (Per Slot).
2.1.2.7
UseFlag
For uses with “limited-use slots”. The quantity of “1” bits represents the number of times that slots 0 thru 7
may be used before being disabled.
2.1.2.8
UpdateCount
Indicates how many times slots 0 through 7 have been updated with DeriveKey.
2.1.2.9
LastKeyUse
Used to control limited use for Slot 15. Each “1” bit represents a remaining use for Slot 15. Applies only if
SlotConfig<5> LimitedUse is set.
2.1.2.10 UserExtra
For general system use, can be modified through the UpdateExtra command.
2.1.2.11 Selector
Selects which device remains in active mode after the execution of the Pause command.
2.1.2.12 LockValue
Controls the Data and OTP zones are unlocked and can be freely written but not read.
0x55 = The Data and OTP zones are unlocked and has write access.
0x00 = The Data and OTP zones are locked and take on the access policies defined in the configuration
zone. Slots in the Data zone can only be modified based on the corresponding WriteConfig fields. The
OTP zone can only be modified based on the OTP mode.
2.1.2.13 LockConfig
Configuration zone access.
0x55 = The Configuration zone has write access (unlocked).
0x00 = The Configuration zone does not have write access (locked).
2.1.2.14 SlotConfig (Bytes 20 – 51)
The 16 SlotConfig elements configure the access protections for each of the 16 slots within the
ATSHA204A. Each configuration element consists of 16 bits, which control the usage and access for that
particular slot or key. The SlotConfig field is interpreted according to the table below when the Data zone
is locked. When the Data zone is unlocked, these restrictions do not apply and all slots may be freely
written and none may be read.
Table 2-5. SlotConfig Bits (Per Slot)
Bit
Name
Description
15-12 WriteConfig
See detailed function definition for use.
11-8 WriteKey
Slot of the key to be used to validate encrypted writes.
ATSHA204A
Device Organization
© 2018 Microchip Technology Inc.
DS40002025A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com