Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  M68HC08 Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 53Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 55Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 56Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 57Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 172 page
background image
SIM Bus Clock Control and Generation
MC68HC908JL3E Family Data Sheet, Rev. 3
Freescale Semiconductor
55
5.2 SIM Bus Clock Control and Generation
The bus clock generator provides system clock signals for the CPU and peripherals on the MCU. The
system clocks are generated from an incoming clock, OSCOUT, as shown in Figure 5-3.
Figure 5-3. SIM Clock Signals
5.2.1 Bus Timing
In user mode, the internal bus frequency is the oscillator frequency (2OSCOUT) divided by four.
5.2.2 Clock Start-Up from POR
When the power-on reset module generates a reset, the clocks to the CPU and peripherals are inactive
and held in an inactive phase until after the 4096 2OSCOUT cycle POR time-out has completed. The RST
pin is driven low by the SIM during this entire period. The IBUS clocks start upon completion of the
time-out.
5.2.3 Clocks in Stop Mode and Wait Mode
Upon exit from stop mode by an interrupt, break, or reset, the SIM allows 2OSCOUT to clock the SIM
counter. The CPU and peripheral clocks do not become active until after the stop delay time-out. This
time-out is selectable as 4096 or 32 2OSCOUT cycles. (See 5.6.2 Stop Mode.)
In wait mode, the CPU clocks are inactive. The SIM also produces two sets of clocks for other modules.
Refer to the wait mode subsection of each module to see if the module is active or inactive in wait mode.
Some modules can be programmed to be active in wait mode.
$FE04
Interrupt Status Register 1
(INT1)
Read:
0
IF5
IF4
IF3
0
IF1
0
0
Write:
RRRRRRRR
Reset:
00000000
$FE05
Interrupt Status Register 2
(INT2)
Read:
IF14
0000000
Write:
RRRRRRRR
Reset:
00000000
$FE06
Interrupt Status Register 3
(INT3)
Read:
0000000
IF15
Write:
RRRRRRRR
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 5-2. SIM I/O Register Summary
÷ 2
BUS CLOCK
GENERATORS
SIM
SIM COUNTER
From
OSCILLATOR
From
OSCILLATOR
OSCOUT
2OSCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com