Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  M68HC08 Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 172 page
background image
MC68HC908JL3E Family Data Sheet, Rev. 3
Freescale Semiconductor
75
Chapter 7
Monitor ROM (MON)
7.1 Introduction
This section describes the monitor ROM (MON) and the monitor mode entry methods. The monitor ROM
allows complete testing of the MCU through a single-wire interface with a host computer. This mode is
also used for programming and erasing of FLASH memory in the MCU. Monitor mode entry can be
achieved without use of the higher test voltage, VDD +VHI, as long as vector addresses $FFFE and
$FFFF are blank, thus reducing the hardware requirements for in-circuit programming.
7.2 Features
Features of the monitor ROM include the following:
•
Normal user-mode pin functionality
•
One pin dedicated to serial communication between monitor ROM and host computer
•
Standard mark/space non-return-to-zero (NRZ) communication with host computer
•
Execution of code in RAM or FLASH
•
FLASH memory security feature(1)
•
FLASH memory programming interface
•
960 bytes monitor ROM code size
•
Monitor mode entry without high voltage, VDD +VHI, if reset vector is blank ($FFFE and $FFFF
contain $FF)
•
Standard monitor mode entry if high voltage, VDD +VHI, is applied to IRQ1
7.3 Functional Description
The monitor ROM receives and executes commands from a host computer. Figure 7-1 shows a example
circuit used to enter monitor mode and communicate with a host computer via a standard RS-232
interface.
Simple monitor commands can access any memory address. In monitor mode, the MCU can execute
host-computer code in RAM while most MCU pins retain normal operating mode functions. All
communication between the host computer and the MCU is through the PTB0 pin. A level-shifting and
multiplexing interface is required between PTB0 and the host computer. PTB0 is used in a wired-OR
configuration and requires a pull-up resistor.
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com