Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  M68HC08 Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 12Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 13Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 14Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 172 page
background image
General Description
MC68HC908JL3E Family Data Sheet, Rev. 3
16
Freescale Semiconductor
1.2 Features
Features of the MC68H(R)C908JL3E include the following:
•
EMC enhanced version of MC68H(R)C908JL3/JK3/JK1
•
High-performance M68HC08 architecture
•
Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
•
Low-power design; fully static with stop and wait modes
•
Maximum internal bus frequency:
–
8-MHz at 5V operating voltage
–
4-MHz at 3V operating voltage
•
Oscillator options:
–
Crystal oscillator for MC68HC908JL3E/JK3E/JK1E
–
RC oscillator for MC68HRC908JL3E/JK3E/JK1E
•
User program FLASH memory with security(1) feature
–
4,096 bytes for MC68H(R)C908JL3E/JK3E
–
1,536 bytes for MC68H(R)C908JK1E
•
128 bytes of on-chip RAM
•
2-channel, 16-bit timer interface module (TIM)
•
12-channel, 8-bit analog-to-digital converter (ADC)
•
23 general purpose I/O ports for MC68H(R)C908JL3E:
–
7 keyboard interrupt with internal pull-up
(6 keyboard interrupt for MC68HC908JL3E)
–
10 LED drivers (sink)
–2
× 25mA open-drain I/O with pull-up
•
15 general purpose I/O ports for MC68H(R)C908JK3E/JK1E:
–
1 keyboard interrupt with internal pull-up
(MC68HRC908JK3E/JK1E only)
–
4 LED drivers (sink)
–2
× 25mA open-drain I/O with pull-up
–
10-channel ADC
•
System protection features:
–
Optional computer operating properly (COP) reset
–
Optional low-voltage detection with reset and selectable trip points for 3V and 5V operation
–
Illegal opcode detection with reset
–
Illegal address detection with reset
•
Master reset pin with internal pull-up and power-on reset
•IRQ1 with schmitt-trigger input and programmable pull-up
•
28-pin PDIP, 28-pin SOIC, and 48-pin LQFP packages for MC68H(R)C908JL3E
•
20-pin PDIP and 20-pin SOIC packages for MC68H(R)C908JK3E/JK1E
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com