Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6724 Datasheet(PDF) 75 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 71Page - STMicroelectronics VS6724 Datasheet HTML 72Page - STMicroelectronics VS6724 Datasheet HTML 73Page - STMicroelectronics VS6724 Datasheet HTML 74Page - STMicroelectronics VS6724 Datasheet HTML 75Page - STMicroelectronics VS6724 Datasheet HTML 76Page - STMicroelectronics VS6724 Datasheet HTML 77Page - STMicroelectronics VS6724 Datasheet HTML 78Page - STMicroelectronics VS6724 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 118 page
background image
VS6724
Programming model and register description
75/118
Exposure algorithm control
Exposure status [read only]
Table 27.
Exposure algorithm control
Index
ExposureAlgorithmControl(1)
0x1119(MSByte)
0x111a(LSByte)
fpDigitalGainFloor
Default value
1.0000
Purpose
Minimum digital gain applied by the auto exposure system
Type
FLOAT
Possible values
Min 1.0000, Max 2.50000
0x111d(MSByte)
0x111e(LSByte)
fpDigitalGainCeiling
Default value
2.5000
Purpose
Maximum Digital Gain applied by the auto exposure system
Type
FLOAT
Possible values
Min 1.0000, Max 2.50000
1.
Can be controlled in all stable states
Table 28.
Exposure status [read only]
Index
ExposureStatus [read only]
0x1209(MSByte)
0x120a(LSByte)
uwCoarseIntegrationPending_lines
Purpose
The course period of time over which every pixel is integrating is a
multiple of the number of lines times the number of pixels on the line
times the pixel period. These registers show the number of lines of
integration which will be used for the next frame.
Type
FLOAT
0x120d(MSByte)
0x120e(LSByte)
uwFineIntegrationPending_pixels
Purpose
The fine period of integration is detailed as a added of
Type
FLOAT
0x1211(MSByte)
0x1212(LSByte)
fpAnalogGainPending
Purpose
Minimum digital gain applied by the auto exposure system
Type
FLOAT
0x1215(MSByte)
0x1216(LSByte)
fpDigitalGainPending
Purpose
Maximum Digital Gain applied by the auto exposure system
Type
FLOAT
0x1219(MSByte)
0x121a(LSByte)
fpDesiredExposureTime_us
Purpose
Time in µsecond that the system would like to use for correct exposure
Type
FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com