| Electronic Components Datasheet Search |
|
VS6724 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 118 page ![]() Functional description VS6724 16/118 2.4.9 Defect correction 1 & 2 The input to the defect correction filters is a 5x5 pixel matrix from which a centre pixel and a neighborhood of 8 pixels is extracted. The 8 pixel neighborhood is used to determine the validity of the corresponding centre pixel. This is achieved using the ranked output of a Batcher-Banyan sort architecture. The defect correction filters perform both detection and weighted correction on all data. Defect correction 1 is weighted to work horizontally and vertically. Defect correction 2 is weighted to operate on the diagonal elements. 2.4.10 Spatial noise reduction The noise reduction module implements an algorithm based on the human-visual system and adaptive pixel filtering that reduces perceived noise in an image whilst maintaining areas of high definition. 2.4.11 Interpolation The interpolation module converts Bayer pixel data to RGB and applies an anti-alias filter to the data. It also generates the sharp data used in the aperture correction block. 2.5 Color engine (CE block) The role of the CE is to process the RGB data from the recovery engine into a specific format requested by the host, e.g. RGB565 for LCD display, or YCbCr for the JPEG encoder. 2.5.1 Color matrix A matrix color correction transform is performed on the outputs of the scaler, the matrix is detailed in Figure 6. Figure 6. Color matrix The matrix equations are: Ro = Rin.rcof00 + Gin.rcof01 + Bin.rcof02 Go = Rin.rcof10 + Gin.rcof11 + Bin.rcof12 Bo = Rin.rcof20 + Gin.rcof21 + Bin.rcof22 Note: The neutral-preserving (“eigen-grey”) property of the matrix can be achieved by ensuring the matrix rows sum to unity. rcof00 rcof10 rcof20 rcof01 rcof11 rcof21 rcof02 rcof12 rcof22 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |