Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6724 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 32Page - STMicroelectronics VS6724 Datasheet HTML 33Page - STMicroelectronics VS6724 Datasheet HTML 34Page - STMicroelectronics VS6724 Datasheet HTML 35Page - STMicroelectronics VS6724 Datasheet HTML 36Page - STMicroelectronics VS6724 Datasheet HTML 37Page - STMicroelectronics VS6724 Datasheet HTML 38Page - STMicroelectronics VS6724 Datasheet HTML 39Page - STMicroelectronics VS6724 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
Functional description
VS6724
36/118
In automatic mode the HSYNC signal envelops all the active video data on every line in the
output frame regardless of the programmed image size. Line codes (if selected) fall outside
the HSYNC envelope as shown in
Figure 21.
Figure 21. HSYNC timing example
If manual mode is selected then the pixel positions for HSYNC rising edge and falling edge
are programmable. The pixel position for the rising edge of HSYNC is programmed in the
bHSyncRising registers. The pixel position for the falling edge of HSYNC is programmed in
the bHSyncFalling registers.
Vertical synchronization (VSYNC)
The VSYNC signal is controlled by the bSyncSetup register. The following options are
available:
●
enable/disable
●
select polarity
●
manual or automatic
In automatic mode the VSYNC signal envelops all the active video lines in the output frame
regardless of the programmed image size as shown in
Figure 22.
FF
SAV Code
EAV Code
ACTIVE VIDEO DATA
hsync=1
EAV Code
BLANKING DATA
hsync=0
00 00 XY 80 10 80 10 80 10
80 10
00 00 XY
FF
D0 D1 D2 D3 D0 D1 D2 D3
D2 D3 FF 00 00 XY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com