Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6724 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 4Page - STMicroelectronics VS6724 Datasheet HTML 5Page - STMicroelectronics VS6724 Datasheet HTML 6Page - STMicroelectronics VS6724 Datasheet HTML 7Page - STMicroelectronics VS6724 Datasheet HTML 8Page - STMicroelectronics VS6724 Datasheet HTML 9Page - STMicroelectronics VS6724 Datasheet HTML 10Page - STMicroelectronics VS6724 Datasheet HTML 11Page - STMicroelectronics VS6724 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
Overview
VS6724
8/118
1
Overview
1.1
Description
The VS6724 is a UXGA resolution CMOS imaging device designed for low power systems,
particularly mobile phone applications.
Manufactured using ST 0.18 µm CMOS Imaging process, it integrates a high-sensitivity
pixel array, digital image processor and camera control functions.
The VS6724 is capable of streaming UXGA video up to 30 fps JPEG and up to 15 fps with
ITU-R BT.656-4 YCbCr 4:2:2 format. It supports 1.8 V or 2.8 V interface and requires a 2.4
to 3.0 V analog power supply. Typically, the VS6724 can operate as a 2.8 V single supply
camera or as a 1.8 V interface / 2.8 V supply camera. The integrated PLL allows for low
frequency system clock, and flexibility for successful EMC integration. An input clock is
required in the range 6.5 MHz to 27 MHz.
The VS6724 camera module uses ST’s second generation “SmOP2” packaging technology:
the sensor, lens and passives are assembled, tested and focused in a fully automated
process, allowing high volume and low cost production.
The device contains an embedded video processor and delivers fully color processed
images at up to 30 fps UXGA JPEG, or up to 30 fps SVGA YCbCr 4:2:2.
The video data is output over an 8-bit parallel bus in JPEG (4:2:2 or 4:2:0), RGB, YCbCr or
Bayer formats and the device is controlled via an I²C interface.
The VS6724 also includes a wide range of image enhancement functions, designed to
ensure high image quality, these include:
●
Automatic exposure control
●
Automatic white balance
●
Lens shading compensation
●
Defect correction algorithms
●
Interpolation (Bayer to RGB conversion)
●
Color space conversion
●
Sharpening
●
Gamma correction
●
Flicker cancellation
●
NoRA noise reduction algorithm
●
Intelligent image scaling
●
Special effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com