Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6724 Datasheet(PDF) 97 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 93Page - STMicroelectronics VS6724 Datasheet HTML 94Page - STMicroelectronics VS6724 Datasheet HTML 95Page - STMicroelectronics VS6724 Datasheet HTML 96Page - STMicroelectronics VS6724 Datasheet HTML 97Page - STMicroelectronics VS6724 Datasheet HTML 98Page - STMicroelectronics VS6724 Datasheet HTML 99Page - STMicroelectronics VS6724 Datasheet HTML 100Page - STMicroelectronics VS6724 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
VS6724
Programming model and register description
97/118
0x23b0
bPClkSetup
Default value
0x05
Type
CODED
flag bits
[0] PClkSetup_prog_lo
1-> Rising Edge of PCLK
0-> Falling Edge of PCLK
[1] PClkSetup_prog_hi
1-> Polarity of PLCK normally high
0-> Polarity of PLCK normally low
[2] PClkSetup_sync_en
1-> Enable PCLK during Embedded sync codes
0-> Disable PCLK during Embedded sync codes
[3] PClkSetup_hsync_en_n
1-> enable the PCLK outside the HSYNC active period
0-> disable the PCLK outside the HSYNC active period
[4] PClkSetup_hsync_en_n_track_internal
1-> use the internal tracked hsync for the qualification of the bit[3]
0-> use the manually set hsync for the qualification of the bit[3]
[5] PClkSetup_vsync_n
1-> enable pclk outside VSYNC active period
0-> disable pclk outside VSYNC active period
[6] PClkSetup_vsync_n_track_internal
1-> use the internal tracked vsync for the qualification of the bit[5]
0-> use the manually set vsync for the qualification of the bit[5]
[7] PClkSetup_freer
1-> Set the PCLK to free run
0 ->Set the PCLK to be controlled
0x23b2
fPclkEn
Default value
<1> TRUE
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
1.
Changes only consumed during a change to RUN mode
Table 47.
Output control (continued)
Index
OutputControl(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com