| Electronic Components Datasheet Search |
|
VS6724 Datasheet(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Datasheet(HTML) 46 Page - STMicroelectronics |
|
46 / 118 page ![]() Host communication - I²C control interface VS6724 46/118 Figure 33. Random location, single write 3.3.2 Current location, single data read For the master reading from the slave the R/W bit is set to one. The register index of the data returned is that accessed by the previous read or write message. The first data byte returned by a read message is the contents of the internal index value and NOT the index value. This was the case in older V2W implementations. Note that the read message is terminated with a negative acknowledge (A) from the master: it is not guaranteed that the master will be able to issue a stop condition at any other time during a read message. This is because if the data sent by the slave is all zeros, the SDA line cannot rise, which is part of the stop condition. Figure 34. Current location, single read 3.3.3 Random location, single data read When a location is to be read, but the value of the stored index is not known, a write message with no data byte must be written first, specifying the index. The read message then completes the message sequence. To avoid relinquishing the serial to bus to another master a repeated start condition is asserted between the write and read messages. S DEV ADDR R/W A DATA P A/A DATA A DATA A INDEX[7:0] DATA[7:0] INDEX[15:8] Previous Index Value, K Index M 16-bit Index, 8-bit Data, Random Location, Single Data Write Index[15:0] value, M DATA[7:0] From Master to Slave From Slave to Master S = START condition Sr = repeated START P = STOP Condition A = Acknowledge A = Negative acknowledge ‘0’ (Write) DATA DATA[7:0] DATA[7:0] S DEV ADDR R/W A ‘1’ (Read) P A Previous Index Value, K 16-bit index, 8-bit data current location, single data read From Master to Slave From Slave to Master S = START Condition Sr = repeated START P = STOP Condition A = Acknowledge A = Negative Acknowledge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |