| Electronic Components Datasheet Search |
|
VS6724 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 118 page ![]() VS6724 Functional description 19/118 The FIFO shown in the figure above is being constantly monitored with fixed break points, if the FIFO fill state passes one of these break points the squeeze value is increased or decreased. The amount of data in the FIFO is dependant on a number of factors ● The squeeze factor set ● The complexity of the scene ● The speed at which the FIFO is being emptied (bOIFClkRatio) 2.6.3 JPEG squeeze controls The strength of compression or the level of squeeze operated on the image (and therefore the quality of the final image) can be controlled in two ways via the bJpegSqueezeSettings register (note each context can be set independently); bJpegSqueezeSettings0 0x00 SET_USER_SQUEEZE_MODE 0x01 SET_AUTO_SQUEEZE_MODE In auto squeeze mode, the JPEG compression engine is trying to achieve a target file size and constantly changes the compression ratio. This is the preferred mode when using the output JPEG to create a video, or in preview mode. wJpegTargetFileSize {0x03c3, 0x03c4} : Input required size in KBytes In user squeeze mode, the JPEG compression engine will use a constant level of squeeze. This is recommended when trying to capture a high quality image and for snapshot or flashgun modes. For ease of use, the level of squeeze can be adjusted for each pipe context between a high, medium or low level. The value of these squeeze settings can be configured by using the following registers: bJpegImageQuality0 0x00 High quality. Value set in bHiSqueezeValue {0x2508} 0x01 Medium quality. Value set in MedSqueezeValue {0x250a} 0x02 Low quality. Value set in bLowSqueezeValue {0x250c} It is also possible to select between the YCbCr formats input to the video compression engine: bJpegImageFormat 0x00 YCbCr 422 0x01 YCbCr 420 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |