Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
0
5
10
15
20
25
30
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
VS = ±5V
BROADCAST
0
5
10
15
20
25
30
35
40
-2.5
2.5
TIME (ns)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
VS = ±5V
SINGLE CHANNEL
0
5
10 15 20 25 30 35 40 45 50
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (ns)
V
+
= +5V
V
-
= -5V
RL = 100:
SINGLE CHANNEL
0
5
10
15
20
25
30
35
40
TIME (ns)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
VS = ±3.3V
SINGLE CHANNEL
10
100
1000
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (MHz)
-225
-180
-135
-90
-45
0
VOUT = 2 VPP
RL = 1 k:
VS = ±5V
GAIN
PHASE
VS = ±3.3V
VS = ±3.3V
0
100
200
300
400
500
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
FREQUENCY (MHz)
VS = ±5V
VOUT = 1V
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMH6581 (continued)
Frequency Response 1 k
Ω Load
Group Delay
Figure 36.
Figure 37.
2 VPP Pulse Response
2 VPP Pulse Response
Figure 38.
Figure 39.
4 VPP Pulse Response
4 VPP Pulse Response Broadcast
Figure 40.
Figure 41.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com