Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SWITCH
MATRIX
CONFIGURATION
REGISTER
LOAD
REGISTER
DATA OUT
RST
DATA IN
CS
CLK
MODE
BCST
CFG
16
36
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
CROSSTALK
When designing a large system such as a video router crosstalk can be a very serious problem. Extensive
testing in our lab has shown that most crosstalk is related to board layout rather than occurring in the crosspoint
switch. There are many ways to reduce board related crosstalk. Using controlled impedance lines is an important
step. Using well decoupled power and ground planes will help as well. When crosstalk does occur within the
crosspoint switch itself it is often due to signals coupling into the power supply pins. Using appropriate supply
bypassing will help to reduce this mode of coupling. Another suggestion is to place as much grounded copper as
possible between input and output signal traces. Care must be taken, though, not to influence the signal trace
impedances by placing shielding copper too closely. One other caveat to consider is that as shielding materials
come closer to the signal trace the trace needs to be smaller to keep the impedance from falling too low. Using
thin signal traces will result in unacceptable losses due to trace resistance. This effect becomes even more
pronounced at higher frequencies due to the skin effect. The skin effect reduces the effective thickness of the
trace as frequency increases. Resistive losses make crosstalk worse because as the desired signal is attenuated
with higher frequencies crosstalk increases at higher frequencies.
DIGITAL CONTROL
Figure 65. Block Diagram
Table 1. Logic Pins
Pin Name
Level Sensitive
Edge Triggered
Triggered by
CLK
Yes
CS
Yes
CLK rising edge
DATA IN
Yes
CLK falling edge
DATA OUT
Yes
CLK rising edge
CFG
Yes
MODE
Yes
RST
Yes
BCST
Yes
There are two modes for programing the LMH6580/LMH6581, Serial Mode and Addressed Mode. The
LMH6580/LMH6581 have internal control registers that store the programming states of the crosspoint switch.
The logic is two staged to allow for maximum programming flexibility. The first stage of the control logic is tied
directly to the crosspoint switching matrix. This logic consists of one register for each output that stores the on/off
state and the address of which input to connect to. These registers are not directly accessible to the user. The
second level of logic is another bank of registers identical to the first, but set up as shift registers. These registers
are accessed by the user via the serial input bus.
The LMH6580/LMH6581 is programmed via a serial input bus with the support of four other digital control pins.
The Serial bus consists of a clock pin (CLK), a serial data in pin (DIN), and a serial data out pin (DOUT). The
serial bus is gated by a chip select pin (CS). The chip select pin is active low. While the chip select pin is high all
data on the serial input pin and clock pins is ignored. When the chip select pin is brought low the internal logic is
set to begin receiving data by the first positive transition (0 to 1) of the clock signal. The chip select pin must be
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com