Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
CLK
DIN
CS_N
I...
I12
I13
I16
I14
I15
TD
DOUT
MODE
T-1
T0
T1
T12
T13
T14
T15
T16
TS
TH
0
1
0
1
I0
I1
1
0
1
0
1
0
CFG
1
0
I1
I0
TS
TS
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
Figure 66. Timing Diagram for Serial Mode
Table 2. Serial Mode Data Frame (First Two Words)(1)
Output 0
Output 1
Input Address
On = 0
Input Address
On = 0
LSB
MSB
Off = 1
LSB
LSB
Off = 1
0
1
2
3
4
5
6
7
(1)
Off = TRI-STATE, Bit 0 is first bit clocked into device.
Table 3. Serial Mode Data Frame (Continued)
Output 2
Output 3
Input Address
On = 0
Input Address
On = 0
LSB
MSB
Off = 1
LSB
MSB
Off = 1
8
9
10
11
12
13
14
15
ADDRESSED PROGRAMMING MODE
Addressed programming mode makes it possible to change only one output register at a time. To utilize this
mode the mode pin must be High. All other pins function the same as in serial programming mode except that
the word clocked in is 5 bits and is directed only at the output specified. In addressed mode the data format is
shown below in Table 4.
Also illustrated is the timing relationships for the digital pins in Figure 67. It is important to note that all the pin
timing relationships are important, not just the data and clock pins. One example is that the Chip Select pin (CS)
must transition low before the first rising edge of the clock signal. This allows the internal timing circuits to
synchronize to allow data to be accepted on the next falling edge. The chip select pin must then transition high
after the final data bit has been clocked in and before another clock signal positive edge occurs to prevent invalid
data from being clocked into the chip. Also, in addressed mode is it necessary for the clock signal to make a low
to high transition after the chip select pin has been brought high. If there is not a low to high transition of the
clock after the chip select pin goes high subsequent data wil not be loaded into the chip properly. The configure
(CFG) pin timing is not critical, but it does need to be kept low until all data has been shifted into the crosspoint
registers.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com