Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
45
90
135
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 0.5 VPP
RL = 150:
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 0.5 VPP
RL = 150:
-225
-180
-135
-90
-45
0
PHASE
GAIN
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 2 VPP
RL = 1 k:
-225
-180
-135
-90
-45
0
GAIN
PHASE
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±3.3V
VOUT = 2 VPP
RL = 1 k:
-225
-180
-135
-90
-45
0
GAIN
PHASE
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
1
10
100
1000
VS = ±5V
VOUT = 2 VPP
RL = 150:
GAIN
PHASE
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
1
10
100
1000
VS = ±3.3V
VOUT = 2 VPP
RL = 150:
GAIN
PHASE
LMH6580, LMH6581
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS LMH6581
2 VPP Frequency Response
2 VPP Frequency Response
Figure 30.
Figure 31.
Large Signal Bandwidth
Large Signal Bandwidth
Figure 32.
Figure 33.
Small Signal Bandwidth
Small Signal Bandwidth
Figure 34.
Figure 35.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com