Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LMH6580, LMH6581
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
brought low at least 5 ns before the first rising edge of the clock signal. The first data bit is clocked in on the next
negative transition (1 to 0) of the clock signal. All input data is read from the bus on the negative edge of the
clock signal. Once the last valid data has been clocked in, either the chip select pin must go high or, the clock
signal must stop. Otherwise invalid data will be clocked into the chip. The data clocked into the chip is not
transferred to the crosspoint matrix until the CFG pin is pulsed high. This is the case regardless of the state of
the MODE pin. The CFG pin is not dependent on the state of the Chip select pin. If no new data is clocked into
the chip subsequent pulses on the CFG pin will have no effect on device operation.
The programming format of the incoming serial data is selected by the MODE pin. When the MODE pin is HIGH
the crosspoint can be programmed one output at a time by entering a string of data that contains the address of
the output that is going to be changed (Addressed Mode). When the mode pin is LOW the crosspoint is in Serial
Mode. In this mode the crosspoint accepts a 16 bit array of data that programs all of the outputs. In both modes
the data fed into the chip does not change the chip operation until the Configure pin is pulsed high. The configure
and mode pins are independent of the chip select pin.
THREE WIRE VS. FOUR WIRE CONTROL
There are two ways to connect the serial data pins. The first way is to control all four pins separately, and the
second option is to connect the CFG and the CS pins together for a 3 wire interface. The benefit of the 4-wire
interface is that the chip can be configured independently using the CS pin. This would be an advantage in a
system with multiple crosspoint chips where all of them could be programmed ahead of time and then configured
simultaneously. The 4-wire solution is also helpful in a system that has a free running clock on the CLK pin. In
this case, the CS pin needs to be brought high after the last valid data bit to prevent invalid data from being
clocked into the chip.
The 3-wire option provides the advantage of one less pin to control at the expense of having less flexibility with
the configure pin. One way around this loss of flexibility would be if the clock signal is generated by an FPGA or
microcontroller where the clock signal can be stopped after the data is clocked in. In this case the Chip select
function is provided by the presence or absence of the clock signal.
SERIAL PROGRAMMING MODE
Serial programming mode is the mode selected by bringing the MODE pin low. In this mode a stream of 16-bits
programs all four outputs of the crosspoint. The data is fed to the chip as shown in Table 2 and Table 3 (two
tables are required to show the entire data frame). The table is arranged such that the first bit clocked into the
crosspoint register is labeled bit number 0. The register labeled Load Register in Figure 65 is a shift register. If
the chip select pin is left low after the valid data is shifted into the chip and if the clock signal keeps running then
additional data will be shifted into the register, and the desired data will be shifted out.
Also illustrated is the timing relationships for the digital pins in Figure 66. It is important to note that all the pin
timing relationships are important, not just the data and clock pins. One example is that the Chip Select pin (CS)
must transition low before the first rising edge of the clock signal. This allows the internal timing circuits to
synchronize to allow data to be accepted on the next falling edge. The chip select pin must then transition high
after the final data bit has been clocked in and before another clock signal positive edge occurs to prevent invalid
data from being clocked into the chip. Another way to accomplish the same thing is to strobe the clock pin with
only the desired number of pulses starting and ending with clock in the low condition. The configure (CFG) pin
timing is not so critical, but it does need to be kept low until all data has been shifted into the crosspoint registers.
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com