Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
APPLICATION INFORMATION
INTRODUCTION
The LMH6580/LMH6581 are high speed, fully buffered, non- blocking, analog crosspoint switches. Having fully
buffered inputs allows the LMH6580/LMH6581 to accept signals from low or high impedance sources without the
worry of loading the signal source. The fully buffered outputs will drive 75
Ω or 50Ω back terminated transmission
lines with no external components other than the termination resistor. When disabled, the outputs are in a high
impedance state. The LMH6580/LMH6581 can have any input connected to any (or all) output(s). Conversely, a
given output can have only one associated input.
INPUT AND OUTPUT EXPANSION
The LMH6580/LMH6581 have high impedance inactive states for both inputs and outputs allowing maximum
flexibility for crosspoint expansion. In addition the LMH6580/LMH6581 employ diagonal symmetry in pin
assignments. The diagonal symmetry makes it easy to use direct pin to pin vias when the parts are mounted on
opposite sides of a board. As an example two LMH6580/LMH6581 chips can be combined on one board to form
either an 8 x 8 crosspoint or a 16 x 4 crosspoint. To make an 8 x 8 crosspoint all 8 input pins would be tied
together (Input 0 on side 1 to input 7 on side 2 and so on) while the 4 output pins on each chip would be left
separate. To make the 16 x 4 crosspoint, the 4 outputs would be tied together while all 16 inputs would remain
independent. In the 16 x 4 configuration it is important not to have 2 connected outputs active at the same time.
With the 8 x 8 configuration, on the other hand, having two connected inputs active is a valid state. Crosspoint
expansion as detailed above has the advantage that the signal will go through only one crosspoint. Expansion
methods that have cascaded stages will suffer bandwidth loss far greater than the small loading effect of parallel
expansion.
Output expansion as shown in Figure 59 is very straight forward. Connecting the inputs of two crosspoint
switches has a very minor impact on performance. Input expansion requires more planning. Input expansion, as
show in Figure 60 and Figure 61 gives the option of two ways to connect the outputs of the crosspoint switches.
In Figure 60 the crosspoint switch outputs are connected directly together and share one termination resistor.
This is the easiest configurarion to implement and has only one drawback. Because the disabled output of the
unused crosspoint (only one output can be active at a time) has a small amount of capacitance, the frequency
response of the active crosspoint will show peaking. This is illustrated in Figure 62 and Figure 63. In most cases
this small amount of peaking is not a problem.
As illustrated in Figure 61 each crosspoint output can be given its own termination resistor. This results in a
frequency response nearly identical to the non expansion case. There is one drawback for the gain of 2
crosspoint, and that is gain error. With a 75
Ω termination resistor the 1250Ω resistance of the disabled crosspoint
output will cause a gain error. In order to counter act this the termination resistors of both crosspoints should be
adjusted to approximately 80
Ω. This will provide very good matching, but the gain accuracy of the system will
now be dependent on the process variations of the crosspoint resistors which have a variability of approximately
±20%.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com