Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
THERMAL MANAGEMENT
The LMH6580/LMH6581 are high performance devices that produce a significant amount of heat. With ±5V
supplies, the LMH6580/LMH6581 will dissipate approximately 0.5 W of idling power with all outputs enabled.
Idling power is calculated based on the typical supply current of 50 mA and a 10V supply voltage. This power
dissipation will vary within the range of 0.4 W to 0.6 W due to process variations. In addition, each equivalent
video load (150
Ω) connected to the outputs should be budgeted 30 mW of power. For a typical application with
one video load for each output this would be a total power of 0.62 W. With a
θJA of 44 °C/W this will result in the
silicon being 27°C over the ambient temperature. A more aggressive application would be two video loads per
output which would result in 0.74 W of power dissipation. This would result in a 33°C temperature rise. For
heavier loading, the TQFP package thermal performance can be significantly enhanced with an external heat
sink and by providing for moving air ventilation. Also, be sure to calculate the increase in ambient temperature
from all devices operating in the system case. Because of the high power output of this device, thermal
management should be considered very early in the design process. Generous passive venting and vertical
board orientation may avoid the need for fan cooling or heat sinks. Also, the LMH6580/LMH6581 can be
operated with a ±3.3V power supply. This will cut power dissipation substantially while only reducing bandwidth
by about 10% (2 VPP output). The LMH6580/LMH6581 are fully characterized and factory tested at the ±3.3V
power supply condition for applications where reduced power is desired.
PRINTED CIRCUIT LAYOUT
Generally, a good high frequency layout will keep power supply and ground traces away from the input and
output pins. Parasitic capacitances on these nodes to ground will cause frequency response peaking and
possible circuit oscillations (see Application Note OA-15 for more information). If digital control lines must cross
analog signal lines (particularly inputs) it is best if they cross perpendicularly. Texas Instruments suggests the
following evaluation boards as a guide for high frequency layout and as an aid in device testing and
characterization:
Device
Package
Evaluation Board Part Number
LMH6580
48–Pin
LMH730164EF
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com