Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6580VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
Gain of 2
Check for Samples: LMH6580, LMH6581
1
FEATURES
DESCRIPTION
The LMH™ family of products is joined by the
23
•
8 Inputs and 4 Outputs
LMH6580 and the LMH6581, high speed, non-
•
48-pin TQFP Package
blocking,
analog,
crosspoint
switches.
The
•
−3 dB Bandwidth (VOUT = 2 VPP, RL = 1 kΩ)
LMH6580/LMH6581 are designed for high speed, DC
500 MHz
coupled, analog signals such as high resolution video
(UXGA and higher). The LMH6580/LMH6581 each
•
−3 dB Bandwidth (VOUT = 2 VPP, RL = 150Ω)
has eight inputs and four outputs. The non-blocking
450 MHz
architecture allows any output to be connected to any
•
Fast Slew Rate 2100 V/
μs
input, including an input that is already selected. With
•
Channel to Channel Crosstalk (10/100 MHz)
fully buffered inputs the LMH6580/LMH6581 can be
impedance matched to nearly any source impedance.
−70/ −52 dBc
The buffered outputs of the LMH6580/LMH6581 can
•
All Hostile Crosstalk (10/100 MHz)
−55/−45 dBc
drive up to two back terminated video loads (75
Ω
•
Easy to Use Serial Programming 4 Wire Bus
load). The outputs and inputs also feature high
•
Two Programming Modes Serial & Addressed
impedance inactive states allowing high performance
input and output expansion for array sizes such as 8
Modes
x 8 or 16 x 4 by combining two devices. The
•
Symmetrical Pinout Facilitates Expansion.
LMH6580/LMH6581 are controlled with a 4 pin serial
•
Output Current ±70 mA
interface that can be configured as a 3 wire interface.
Both
serial
mode
and
addressed
modes
are
•
Two Gain Options AV = 1 or AV = 2
available.
APPLICATIONS
The
LMH6580/LMH6581
come
in
48-pin
TQFP
packages. They also have diagonally symmetrical pin
•
Studio Monitoring/Production Video Systems
assignments to facilitate double sided board layouts
•
Conference Room Multimedia Video Systems
and easy pin connections for expansion.
•
KVM (Keyboard Video Mouse) Systems
•
Security/Surveillance Systems
•
Multi-Antenna Diversity Radio
•
Video Test Equipment
•
Medical Imaging
•
Wide-Band Routers & Switches
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMH is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6580VS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6580VS/NOPB TI1-LMH6580VS/NOPB Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
More results

Similar Description - LMH6580VS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com