Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6580VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMH6580, LMH6581
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
±3.3V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, typical conditions are: TA = 25°C, AV = +2, VS = ±3.3V, RL = 100Ω; Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
OS
Overshoot
2V Step
<1
%
SR
Slew Rate
LMH6580, 2 VPP, 40% to 60%
(4)
900
V/µs
Slew Rate
LMH6581, 2 VPP, 40% to 60%
(4)
1700
V/µs
ts
Settling Time
2V Step, VOUT within 0.5%
7
ns
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2 VPP, 10 MHz
−76
dBc
HD3
3rd Harmonic Distortion
2 VPP, 10 MHz
−76
dBc
en
Input Referred Voltage Noise
>1 MHz
12
nV/
√Hz
in
Input Referred Noise Current
>1 MHz
2
pA/
√Hz
XTLK
Crosstalk
All Hostile, f = 100 MHz
−45
dBc
ISOL
Off Isolation
f = 100 MHz
−60
dBc
Static, DC Performance
AV
Gain
LMH6581
1.986
2.00
2.014
LMH6580
0.994
1.00
1.005
VOS
Input Offset Voltage
±3
±17
mV
TCVOS
Input Offset Voltage Average Drift
See(5)
38
µV/°C
IB
Input Bias Current
Non-Inverting(6)
−5
µA
TCIB
Input Bias Current Average Drift
Non-Inverting(5)
−12
nA/°C
VO
Output Voltage Range
LMH6581, RL = 100Ω
±1.8
±2.1
V
LMH6580, RL = 100Ω
±1.24
±1.3
VO
Output Voltage Range
LMH6581, RL = ∞Ω,
(7)
±2.08
±2.2
V
LMH6580 RL = ∞Ω,
±1.25
±1.3
PSRR
Power Supply Rejection Ratio
−45
dBc
ICC
Positive Supply Current
RL = ∞
50
60
mA
IEE
Negative Supply Current
RL = ∞
50
56
mA
Tri State Supply Current
RST Pin > 2.0V
10
13
mA
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
100
k
Ω
CIN
Input Capacitance
Non-Inverting
1
pF
RO
Output Resistance Enabled
Closed Loop, Enabled
300
m
Ω
RO
Output Resistance Disabled
LMH6580
50
k
Ω
LMH6581
1100
1350
1500
CMVR
Input Common Mode Voltage
±1.3
V
Range
IO
Output Current
Sourcing, VO = 0 V
±50
mA
Digital Control
VIH
Input Voltage High
2.0
V
VIL
Input Voltage Low
0.8
V
VOH
Output Voltage High
>2.0
V
VOL
Output Voltage Low
<0.4
V
Switching Time
15
ns
TS
Setup Time
7
ns
TH
Hold Time
7
ns
(4)
Slew Rate is the average of the rising and falling edges.
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
(7)
This parameter is specified by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com