Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
CLK
DIN
CS_N
I0
DOUT
T1
T2
T3
T4
T6
T7
T8
T9
TS
TH
T5
T10
0
1
0
1
0
1
0
1
CFG
1
0
MODE
0
1
HIGH IMPEDANCE
I2
I1
TS
A0
A1
T
TS
LMH6580, LMH6581
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 67. Timing Diagram for Addressed Mode
Table 4. Addressed Mode Word Format(1)
Output Address
Input Address
TRI-STATE
LSB
MSB
LSB
MSB
1 = TRI-STATE
0 = On
0
1
2
3
4
5
(1)
Bit 0 is first bit clocked into device.
DAISY CHAIN OPTION IN SERIAL MODE
The LMH6580/LMH6581 supports daisy chaining of the serial data stream between multiple chips. This feature is
available only in the Serial Programming Mode. To use this feature serial data is clocked into the first chip DIN
pin, and the next chip DIN pin is connected to the DOUT pin of the first chip. Both chips may share a chip select
signal, or the second chip can be enabled separately. When the chip select pin goes low on both chips a double
length word is clocked into the first chip. As the first word is clocking into the first chip the second chip is
receiving the data that was originally in the shift register of the first chip (invalid data). When a full 16 bits have
been clocked into the first chip the next clock cycle begins moving the first frame of the new configuration data
into the second chip. With a full 32 clock cycles both chips have valid data and the chip select pin of both chips
should be brought high to prevent the data from overshooting. A configure pulse will activate the new
configuration on both chips simultaneously, or each chip can be configured separately. The mode, chip select,
configure and clock pins of both chips can be tied together and driven from the same sources.
SPECIAL CONTROL PINS
The LMH6580/LMH6581 have two special control pins that function independent of the serial control bus. One of
these pins is the reset (RST) pin. The RST pin is active high meaning that at logic 1 level the chip is configured
with all outputs disabled and in a high impedance state. The RST pin programs all the registers with input
address 0 and all the outputs are turned off. In this configuration the device draws only 11mA. The RST pin can
be used as a shutdown function to reduce power consumption. The other special control pin is the broadcast
(BCST) pin. The BCST pin is also active high and sets all the outputs to the on state connected to input 0. This is
sometimes referred to as broadcast mode, where input 0 is broadcast to all eight outputs.
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com