Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
-50 -40 -30 -20 -10
0
10 20 30 40 50
-1.5
-1
-0.5
0
0.5
1
TIME (ns)
-1
0
1
2
3
4
3.5
2.5
1.5
0.5
-0.5
ENABLE TO DISABLE
DISABLE TO ENABLE
CFG
0.1
1
10
100
1000
FREQUENCY (MHz)
0.01
0.1
1
10
100
V
+
= +5V
V
-
= -5V
0.1
1
10
100
1000
FREQUENCY (MHz)
0.01
0.1
1
10
100
V
+
= +3.3V
V
-
= -3.3V
0.1
1
10
100
1000
FREQUENCY (MHz)
0.1
1
10
100
V
+
= +5V
V
-
= -5V
0.1
1
10
100
1000
FREQUENCY (MHz)
0.1
1
10
100
V
+
= +3.3V
V
-
= -3.3V
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMH6580 (continued)
Enabled Output Impedance
Enabled Output Impedance
Figure 25.
Figure 26.
Disabled Output Impedance
Disabled Output Impedance
Figure 27.
Figure 28.
Switching Time
Figure 29.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com