Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 9Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 10Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 11Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 12Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 13Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 15Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 16Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
VC
VSEN
Sn
PWM Comparator
Waveforms
Time
Sf
Se
'I0
'I1
'I2
VIN (V)
VFB (V)
7.2V
OVP
(1.31V)
1.26V
t
t
13
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Feature Description (continued)
Depending on the requirements of the application, there is some influence one has over this effect. The threshold
of 7.2 V can be shifted to higher voltages by adding a resistor in series with VIN. In case VIN is right at the
threshold of 7.2 V, the threshold could cross over and over due to some slight ripple on VIN. To minimize the
effect on the output voltage one can filter the VIN pin with an RC filter.
Figure 21. The Feedback Voltage Experiences an Oscillation if the Input Voltage crosses the 7.2-V
Internal Bias Threshold
7.3.2 Slope Compensation Ramp
The LM3478 uses a current mode control scheme. The main advantages of current mode control are inherent
cycle-by-cycle current limit for the switch and simpler control loop characteristics. It is also easy to parallel power
stages using current mode control since current sharing is automatic. However, current mode control has an
inherent instability for duty cycles greater than 50%, as shown in Figure 22.
A small increase in the load current causes the switch current to increase by ΔI0. The effect of this load change
is ΔI1.
The two solid waveforms shown are the waveforms compared at the internal pulse width modulator, used to
generate the MOSFET drive signal. The top waveform with the slope Se is the internally generated control
waveform VC. The bottom waveform with slopes Sn and Sf is the sensed inductor current waveform VSEN.
Figure 22. Sub-Harmonic Oscillation for D>0.5 and Compensation Ramp to Avoid Sub-Harmonic
Oscillation
Sub-harmonic Oscillation can be easily understood as a geometric problem. If the control signal does not have
slope, the slope representing the inductor current ramps up until the control signal is reached and then slopes
down again. If the duty cycle is above 50%, any perturbation will not converge but diverge from cycle to cycle
and causes sub-harmonic oscillation.
It is apparent that the difference in the inductor current from one cycle to the next is a function of Sn, Sf and Se as
shown in Equation 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com