Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 20Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 21Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 22Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 27Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 Typical SEPIC Converter
Figure 34. Typical SEPIC Converter
Since the LM3478 controls a low-side N-Channel MOSFET, it can also be used in SEPIC (Single Ended Primary
Inductance Converter) applications. An example of a SEPIC using the LM3478 is shown in Figure 34. Note that
the output voltage can be higher or lower than the input voltage. The SEPIC uses two inductors to step-up or
step-down the input voltage. The inductors L1 and L2 can be two discrete inductors or two windings of a coupled
inductor since equal voltages are applied across the inductor throughout the switching cycle. Using two discrete
inductors allows use of catalog magnetics, as opposed to a custom inductor. The input ripple can be reduced
along with size by using the coupled windings for L1 and L2.
Due to the presence of the inductor L1 at the input, the SEPIC inherits all the benefits of a boost converter. One
main advantage of a SEPIC over a boost converter is the inherent input to output isolation. The capacitor CS
isolates the input from the output and provides protection against a shorted or malfunctioning load. Hence, the
SEPIC is useful for replacing boost circuits when true shutdown is required. This means that the output voltage
falls to 0V when the switch is turned off. In a boost converter, the output can only fall to the input voltage minus a
diode drop.
The duty cycle of a SEPIC is given using Equation 34.
(34)
In Equation 34, VQ is the on-state voltage of the MOSFET, Q, and VDIODE is the forward voltage drop of the
diode.
8.2.2.1 Design Requirements
To properly size the components for the application, the designer needs the following parameters: input voltage
range, output voltage, output current range, and required switching frequency. These four main parameters affect
the choices of component available to achieve a proper system behavior.
For the power supply, the input impedance of the supply rail should be low enough that the input current
transient does not drop below the UVLO value. The factors determining the choice of inductor used should be
the average inductor current, and the inductor current ripple. If the switching frequency is set high, the converter
can be operated with very small inductor values. The maximum current that can be delivered to the load is set by
the sense resistor, RSEN. Current limit occurs when the voltage generated across the sense resistor equals the
current sense threshold voltage, VSENSE. Also, a resistor RSL adds additional slope compensation, if required.
The following sections describe the design requirements for a typical LM3478 boost application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com