Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 15Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 16Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 17Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 18Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 19Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 20Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 21Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
5. Get more information about WEBENCH tools at www.ti.com/webench.
8.2.1.2.2
Power Inductor Selection
The inductor is one of the two energy storage elements in a boost converter. Figure 29 shows how the inductor
current varies during a switching cycle. The current through an inductor is quantified using Equation 10, which
shows the relationship of L, IL and VL.
(10)
The important quantities in determining a proper inductance value are IL (the average inductor current) and ΔIL
(the inductor current ripple). If ΔIL is larger than IL, the inductor current will drop to zero for a portion of the cycle
and the converter will operate in the DCM. All the analysis in this datasheet assumes operation in the CCM. To
operate in the CCM, the following condition must be met by using Equation 11.
(11)
Choose the minimum IOUT to determine the minimum inductance value. A common choice is to set ΔIL to 30% of
IL. Choosing an appropriate core size for the inductor involves calculating the average and peak currents
expected through the inductor. Use Equation 12, Equation 13, and Equation 14 to the peak inductor current in a
boost converter.
ILPEAK = Average IL(max) + ΔIL(max)
(12)
Average IL(max) = Iout / (1-D)
(13)
ΔIL(max) = D x Vin / (2 x fs x L)
(14)
An inductor size with ratings higher than these values has to be selected. If the inductor is not properly rated,
saturation will occur and may cause the circuit to malfunction.
The LM3478 can be set to switch at very high frequencies. When the switching frequency is high, the converter
can be operated with very small inductor values. The LM3478 senses the peak current through the switch which
is the same as the peak inductor current as calculated in the previous equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com