Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 9Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 10Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 11Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 12Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 13Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 15Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
VIN
DR
FA/SD
FB
COMP
PGND
Under Voltage
Lockout
7.2V
LDO
internal Vcc
S
R
Q
DRIVER
Fixed Frequency
Detect
Oscillator
PWM
Isen
AGND
Softstart
logic
325mV
Short Circuit
Comparator
Vfb+Vovp
OVP
1.26V Reference
Gm
internal slope
compensation
THERMAL
LIMIT
(165°C)
slope compensation
ramp adjust current
source
Error
Amplifier
12
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Overvoltage Protection
The LM3478 has over voltage protection (OVP) for the output voltage. OVP is sensed at the feedback pin (pin 3).
If at anytime the voltage at the feedback pin rises to VFB+ VOVP, OVP is triggered. See Electrical Characteristics
section for limits on VFB and VOVP.
OVP will cause the drive pin to go low, forcing the power MOSFET off. With the MOSFET off, the output voltage
will drop. The LM3478 will begin switching again when the feedback voltage reaches VFB + (VOVP - VOVP(HYS)).
See Electrical Characteristics for limits on VOVP(HYS).
OVP can be triggered if the unregulated input voltage crosses 7.2 V, the output voltage will react as shown in
Figure 21. The internal bias of the LM3478 comes from either the internal LDO as shown in the block diagram or
the voltage at the Vin pin is used directly. At Vin voltages lower than 7.2 V the internal IC bias is the Vin voltage
and at voltages above 7.2V the internal LDO of the LM3478 provides the bias. At the switch over threshold at 7.2
V a sudden small change in bias voltage is seen by all the internal blocks of the LM3478. The control voltage
shifts because of the bias change, the PWM comparator tries to keep regulation. To the PWM comparator, the
scenario is identical to a step change in the load current, so the response at the output voltage is the same as
would be observed in a step load change. Hence, the output voltage overshoot here can also trigger OVP. The
LM3478 will regulate in hysteretic mode for several cycles, or may not recover and simply stay in hysteretic
mode until the load current drops or Vin is not crossing the 7.2 V threshold anymore. Note that the output is still
regulated in hysteretic mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com