Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 9Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 10Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 11Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 12Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 13Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
PWM Comparator resets
the RS latch
PWM
Comparator
Blank-Out prevents false
reset
325 ns Blank-Out time
Oscillator Sets
the RS Latch
+
-
92 mV
typ
11
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3478 device uses a fixed frequency, Pulse Width Modulated (PWM) current mode control architecture.
The Functional Block Diagram shows the basic functionality. In a typical application circuit, the peak current
through the external MOSFET is sensed through an external sense resistor. The voltage across this resistor is
fed into the ISEN pin. This voltage is fed into the positive input of the PWM comparator. The output voltage is also
sensed through an external feedback resistor divider network and fed into the error amplifier negative input
(feedback pin, FB). The output of the error amplifier (COMP pin) is added to the slope compensation ramp and
fed into the negative input of the PWM comparator. At the start of any switching cycle, the oscillator sets the RS
latch using the switch logic block. This forces a high signal on the DR pin (gate of the external MOSFET) and the
external MOSFET turns on. When the voltage on the positive input of the PWM comparator exceeds the negative
input, the RS latch is reset and the external MOSFET turns off.
The voltage sensed across the sense resistor generally contains spurious noise spikes, as shown in Figure 20.
These spikes can force the PWM comparator to reset the RS latch prematurely. To prevent these spikes from
resetting the latch, a blank-out circuit inside the IC prevents the PWM comparator from resetting the latch for a
short duration after the latch is set. This duration is about 325 ns and is called the blanking interval and is
specified as minimum on-time in the Electrical Characteristics section. Under extremely light-load or no-load
conditions, the energy delivered to the output capacitor when the external MOSFET in on during the blanking
interval is more than what is delivered to the load. An over-voltage comparator inside the LM3478 prevents the
output voltage from rising under these conditions. The over-voltage comparator senses the feedback (FB pin)
voltage and resets the RS latch. The latch remains in reset state until the output decays to the nominal value.
Figure 20. Basic Operation of the PWM Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com