| Electronic Components Datasheet Search |
|
LM3478MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3478MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 43 page ![]() 17 LM3478 www.ti.com SNVS085X – JULY 2000 – REVISED DECEMBER 2017 Product Folder Links: LM3478 Submit Documentation Feedback Copyright © 2000–2017, Texas Instruments Incorporated Typical Applications (continued) A. First Cycle Operation B. Second Cycle of Operation Figure 28. Simplified Boost Converter 8.2.1.1 Design Requirements To properly size the components for the application, the designer needs the following parameters: input voltage range, output voltage, output current range, and required switching frequency. These four main parameters affect the choices of component available to achieve a proper system behavior. For the power supply, the input impedance of the supply rail should be low enough that the input current transient does not drop below the UVLO value. The factors determining the choice of inductor used should be the average inductor current, and the inductor current ripple. If the switching frequency is set high, the converter can be operated with very small inductor values. The maximum current that can be delivered to the load is set by the sense resistor, RSEN. Current limit occurs when the voltage generated across the sense resistor equals the current sense threshold voltage, VSENSE. Also, a resistor RSL adds additional slope compensation, if required. The following sections describe the design requirements for a typical LM3478 boost application. 8.2.1.2 Detailed Design Procedure 8.2.1.2.1 Custom Design with WEBENCH Tools Click here to create a custom design using the LM3478 device with the WEBENCH® Power Designer. 1. Start by entering your VIN, VOUT and IOUT requirements. 2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and compare this design with other possible solutions from Texas Instruments. 3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real time pricing and component availability. 4. In most cases, you will also be able to: – Run electrical simulations to see important waveforms and circuit performance, – Run thermal simulations to understand the thermal performance of your board, – Export your customized schematic and layout into popular CAD formats, – Print PDF reports for the design, and share your design with colleagues. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |