Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 18Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 19Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 20Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 21Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 22Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
RdrOn
tLH =
Vdr - Vgsth
Qgs
2
Qgd +
x
PSW =
ILmax x Vout
2
x fSW x (tLH + tHL)
22
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
Thermally the diode must be able to handle the maximum average current delivered to the output. The peak
reverse voltage for boost converters is equal to the regulated output voltage. The diode must be capable of
handling this voltage. To improve efficiency, a low forward drop schottky diode is recommended.
8.2.1.2.7
Power MOSFET Selection
The drive pin of the LM3478 must be connected to the gate of an external MOSFET. The drive pin (DR) voltage
depends on the input voltage (see Typical Characteristics). In most applications, a logic level MOSFET can be
used. For very low input voltages, a sub logic level MOSFET should be used. The selected MOSFET has a great
influence on the system efficiency. The critical parameters for selecting a MOSFET are:
1. Minimum threshold voltage, VTH(MIN)
2. On-resistance, RDS(ON)
3. Total gate charge, Qg
4. Reverse transfer capacitance, CRSS
5. Maximum drain to source voltage, VDS(MAX)
The off-state voltage of the MOSFET is approximately equal to the output voltage. Vds(max) must be greater
than the output voltage. The power losses in the MOSFET can be categorized into conduction losses and
switching losses. RDS(ON) is needed to estimate the conduction losses, Pcond:
Pcond = I
2 x R
DS(ON) x D
(28)
The temperature effect on the RDS(ON) usually is quite significant. Assume 30% increase at hot.
For the current I in Equation 28 the average inductor current may be used.
Especially at high switching frequencies the switching losses may be the largest portion of the total losses.
The switching losses are very difficult to calculate due to changing parasitics of a given MOSFET in operation.
Often the individual MOSFET's data sheet does not give enough information to yield a useful result. Equation 29
and Equation 30 give a rough idea how the switching losses are calculated:
(29)
(30)
8.2.1.2.8
Input Capacitor Selection
Due to the presence of an inductor at the input of a boost converter, the input current waveform is continuous
and triangular as shown in Figure 29. The inductor ensures that the input capacitor sees fairly low ripple currents.
However, as the input capacitor gets smaller, the input ripple goes up. The RMS current in the input capacitor is
given using Equation 31.
(31)
The input capacitor should be capable of handling the RMS current. Although the input capacitor is not as critical
in a boost application, low values can cause impedance interactions. Therefore a good quality capacitor should
be chosen in the range of 10 µF to 20 µF. If a value lower than 10 µF is used, then problems with impedance
interactions or switching noise can affect the LM3478. To improve performance, especially with Vin below 8 volts,
it is recommended to use a 20 Ohm resistor at the input to provide an RC filter. The resistor is placed in series
with the VIN pin with only a bypass capacitor attached to the VIN pin directly (see Figure 31). A 0.1-µF or 1-µF
ceramic capacitor is necessary in this configuration. The bulk input capacitor and inductor will connect on the
other side of the resistor at the input power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com