Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3478MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
1
1 Features
1
•
8-lead VSSOP-8 and SOIC-8 packages
•
Internal Push-Pull Driver With 1-A Peak Current
Capability
•
Current Limit and Thermal Shutdown
•
Frequency Compensation Optimized With a
Capacitor and a Resistor
•
Internal Soft Start
•
Current Mode Operation
•
Undervoltage Lockout With Hysteresis
•
Create a Custom Design Using the LM3478 with
the WEBENCH Power Designer
2 Applications
•
Distributed Power Systems
•
Battery Chargers
•
Offline Power Supplies
•
Telecom Power Supplies
•
Automotive Power Systems
•
Wide Supply Voltage Range of 2.97 V to 40 V
•
100-kHz to 1-MHz Adjustable Clock Frequency
•
±2.5% (Over Temperature) Internal Reference
•
10-µA Shutdown Current (Over Temperature)
3 Description
The LM3478 is a versatile Low-Side N-Channel
MOSFET controller for switching regulators. It is
suitable for use in topologies requiring a low side
MOSFET, such as boost, flyback, SEPIC, etc.
Moreover, the LM3478 can be operated at extremely
high switching frequency in order to reduce the
overall solution size. The switching frequency of the
LM3478 can be adjusted to any value between 100
kHz and 1 MHz by using a single external resistor.
Current mode control provides superior bandwidth
and
transient
response,
besides
cycle-by-cycle
current limiting. Output current can be programmed
with a single external resistor.
The LM3478 has built-in features such as thermal
shutdown,
short-circuit
protection,
over
voltage
protection,
etc.
Power
saving
shutdown
mode
reduces the total supply current to 5 µA and allows
power supply sequencing. Internal soft-start limits the
inrush current at start-up.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3478
SOIC (8)
4.90 mm x 3.91 mm
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical High Efficiency Step-Up (Boost) Converter


Similar Part No. - LM3478MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3478MA/NOPB TI1-LM3478MA/NOPB Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3478MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com