Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 19Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 20Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 21Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 22Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
VIN
VIN
RIN
CIN
CBYPASS
LM3478
23
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 31. Reducing IC Input Noise
8.2.1.2.9
Output Capacitor Selection
The output capacitor in a boost converter provides all the output current when the inductor is charging. As a
result it sees very large ripple currents. The output capacitor should be capable of handling the maximum RMS
current. Equation 32 shows the RMS current in the output capacitor.
(32)
Where
(33)
The ESR and ESL of the capacitor directly control the output ripple. Use capacitors with low ESR and ESL at the
output for high efficiency and low ripple voltage. Surface mount tantalums, surface mount polymer electrolytic,
polymer tantalum, or multi-layer ceramic capacitors are recommended at the output.
For applications that require very low output voltage ripple, a second stage LC filter often is a good solution. Most
of the time it is lower cost to use a small second Inductor in the power path and an additional final output
capacitor than to reduce the output voltage ripple by purely increasing the output capacitor without an additional
LC filter.
8.2.1.2.10
Compensation
For detailed explanation on how to select the right compensation components to attach to the compensation pin
for a boost topology, please see AN-1286 Compensation For The LM3748 Boost Controller SNVA067.
8.2.1.3 Application Curves
Figure 32. Efficiency vs Load Current (9-V In and 12-V Out)
Figure 33. Efficiency vs Load Current (3.3-V In and 5-V
Out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com