Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 22Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 27Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 28Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 29Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
RSEN =
VSENSE - D(VSL + 'VSL)
ISWPEAK
2
'VOUT =
IOUT
1-D +
'IL2
(
) ESR
26
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
(46)
IL1PK must be lower than the maximum current rating set by the current sense resistor.
The value of L1 can be increased above the minimum recommended to reduce input ripple and output ripple.
However, once DIL1 is less than 20% of IL1AVE, the benefit to output ripple is minimal.
By increasing the value of L2 above the minimum recommended, ΔIL2 can be reduced, which in turn will reduce
the output ripple voltage:
(47)
where ESR is the effective series resistance of the output capacitor.
If L1 and L2 are wound on the same core, then L1 = L2 = L. All of the previous equations will hold true if the
inductance is replaced by 2L.
8.2.2.2.4
Sense Resistor Selection
The peak current through the switch, ISW(PEAK) can be adjusted using the current sense resistor, RSEN, to provide
a certain output current. Resistor RSEN can be selected using Equation 48
(48)
8.2.2.2.5
Sepic Capacitor Selection
The selection of the SEPIC capacitor, CS, depends on the RMS current. The RMS current of the SEPIC
capacitor is given by Equation 49.
(49)
The SEPIC capacitor must be rated for a large ACrms current relative to the output power. This property makes
the SEPIC much better suited to lower power applications where the RMS current through the capacitor is
relatively small (relative to capacitor technology). The voltage rating of the SEPIC capacitor must be greater than
the maximum input voltage. There is an energy balance between CS and L1, which can be used to determine
the value of the capacitor. Equation 50 shows the basic energy balance.
(50)
where
(51)
is the ripple voltage across the SEPIC capacitor, and
(52)
is the ripple current through the inductor L1. The energy balance equation can be solved using Equation 53 to
provide a minimum value for CS.
(53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com