Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3478MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
8-Lead VSSOP-8 Package
3 Pins
Top View
8-Lead SOIC-8
3 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ISEN
1
I
Current sense input pin. Voltage generated across an external sense resistor is fed into this pin.
COMP
2
I
Compensation pin. A resistor, capacitor combination connected to this pin provides compensation for the
control loop.
FB
3
I
Feedback pin. The output voltage should be adjusted using a resistor divider to provide 1.26 V at this pin.
AGND
4
G
Analog ground pin.
PGND
5
G
Power ground pin.
DR
6
O
Drive pin. The gate of the external MOSFET should be connected to this pin.
FA/SD
7
I
Frequency adjust and Shutdown pin. A resistor connected to this pin sets the oscillator frequency. A high
level on this pin for longer than 30 µs will turn the device off. The device will then draw less than 10µA from
the supply.
VIN
8
P
Power Supply Input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com