Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 53Page - STMicroelectronics L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics L99PM62XP Datasheet HTML 60Page - STMicroelectronics L99PM62XP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 4
57/98
VTHwkdwn
Receiver wakeup threshold
voltage
VS-3.5
VS-2.5
VS-1.5
V
tlinbus
Dominant time for wakeup via
bus
Sleep mode;
edge: rec-dom
64*TOSC
µs
ILINDomSC
Transmitter input current limit in
dominant state
VTXD =VTXDLOW;
VLIN =VBATMAX =18V
40
100
180
mA
Ibus_PAS_dom
Input leakage current at the
receiver incl. pull-up resistor
VTXD =VTXDHIGH;
VLIN =0 V; VBAT =12V
(1)
-1
mA
Ibus_PAS_rec
Transmitter input current in
recessive state
VTXD =VTXDHIGH;
8V< VLIN;
VBAT <18V; VLIN >= VBAT
in standby modes
20
µA
Ibus_NO_GND
Input current if loss of GND at
device
GND = VS;
0V< VLIN <18V;
VBAT =12V
-1
1
mA
Ibus
Input current if loss of VBAT at
device
GND = VS;
0V< VLIN <18V
100
µA
VLINdom
LIN voltage level in dominant
state
Active mode;
VTXD =VTXDLOW;
ILIN =40mA
1.2
V
VLINrec
LIN voltage level in recessive
state
Active mode;
VTXD =VTXDHIGH;
ILIN =10 µA
0.8*VS
1
V
RLINup
LIN output pull up resistor
VLIN =0 V
20
40
60
k
Ω
1.
Slave mode.
Table 30.
LIN transmitter and receiver: pin LIN (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 31.
LIN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tRXpd
Receiver propagation delay
time
tRXpd =max(tRXpdr, tRXpdf);
tRXpdf =t(0.5 VRXD)-t(0.45VLIN);
tRXpdr =t(0.5 VRXD) - t(0.55 VLIN);
VS =12V; CRXD =20pF;
Rbus, = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF;
Rbus = 500 Ω, Cbus = 10 nF
6µs
tRXpd_sym
Symmetry of receiver
propagation delay time
(rising vs. falling edge)
tRXpd_sym =tRXpdr - tRXpdf;
VS =12V;
Rbus =1 kΩ, Cbus =1 nF
-2
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com