Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 35Page - STMicroelectronics L99PM62XP Datasheet HTML 36Page - STMicroelectronics L99PM62XP Datasheet HTML 37Page - STMicroelectronics L99PM62XP Datasheet HTML 38Page - STMicroelectronics L99PM62XP Datasheet HTML 39Page - STMicroelectronics L99PM62XP Datasheet HTML 40Page - STMicroelectronics L99PM62XP Datasheet HTML 41Page - STMicroelectronics L99PM62XP Datasheet HTML 42Page - STMicroelectronics L99PM62XP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
L99PM62XP
Protection and diagnosis
Doc ID 16363 Rev 4
39/98
The low-side drivers switch off in case of:
●
Vs over and undervoltage
●
Over current
●
Overtemperature with pre warning
In case of overload or overtemperature (TSD1) condition, the drivers switches off. The
according status bit is latched and can be read and optionally cleared by SPI. The drivers
remain off until the status is cleared.
In case Vs over/undervoltage condition, the drivers is switched off. The according status bit
is latched and can be read and optionally cleared by SPI. If the Vlockout bit (Control
Register 4) is set to ‘1’ the drivers remain off until the status is cleared. If the Vlockout bit is
set to ‘0’ the drivers is switched on automatically if the error condition disappears.
With the LSOVUV_shutdown_en bit (Control Register 4) the drivers can be excluded from a
switch off in case of Vs over/undervoltage. If the bit is set to ‘1’ the driver switchs off,
otherwise the drivers remain on.
3.5
SPI diagnosis
Digital diagnosis features are provided by SPI (for details please refer to Section 6.2: SPI
registers .
●
V1 reset threshold programmable
●
Overtemperature including. pre warning
●
Open-load separately for each output stage except REL1/REL2
●
Overload status separately for each output stage
●
Vs-supply over/under voltage
●
V1 and V2 fail bit
●
V2 output short to GND
●
Status of the WU1 to 3
●
Wake-up sources (CAN, LIN, SPI, Timer, WU1…3)
●
chip reset bit (start from power-on reset)
●
Number of unsuccessful V1 restarts after thermal shutdown
●
Number of sequential watchdog failures
●
LIN diagnosis (permanent recessive/dominant, dominant TxD)
●
CAN diagnosis (permanent recessive/dominant, dominant TxD, recessive RXD)
●
Device State (wake-up from V1 standby or VBAT standby)
●
Forced VBAT standby after WD-fail, forced VBAT standby after overtemperature
●
Watchdog timer state (diagnosis of watchdog)
●
Fail-safe status
●
SPI communication error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com