Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 80 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 76Page - STMicroelectronics L99PM62XP Datasheet HTML 77Page - STMicroelectronics L99PM62XP Datasheet HTML 78Page - STMicroelectronics L99PM62XP Datasheet HTML 79Page - STMicroelectronics L99PM62XP Datasheet HTML 80Page - STMicroelectronics L99PM62XP Datasheet HTML 81Page - STMicroelectronics L99PM62XP Datasheet HTML 82Page - STMicroelectronics L99PM62XP Datasheet HTML 83Page - STMicroelectronics L99PM62XP Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
ST SPI
L99PM62XP
80/98
Doc ID 16363 Rev 4
Control register 2
5V2
4
V2_2
V2_1
00
V2 OFF in all modes
01
V2 ON in active mode; OFF in V1/VBAT
standby mode
10
V2 ON in Active/V1 standby mode; OFF in
VBAT standby mode
11
V2 ON in all modes
3RES
Reserved
2
STBY_SEL
Select standby mode
0VBAT standby mode
1V1standby mode
1
GO_STBY
Execute standby mode
0
No action
1
Execute standby mode
0
TRIG
Trigger Bit for Watchdog
Table 76.
Control register 1, bits (continued)
Bit
Name
Comment
Table 77.
Control register 2: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
000010
Data, 8bit
Data, 8 bit
Table 78.
Control register 2, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0
000
00
0
0
0
1
1
1
Function
Res
Res
Wu3
Filt_MSB
Wu3
Filt_LSB
WU2
Filt_MSB
WU2
Filt_LSB
WU1
Filt_MSB
WU1
Filt_LSB
Res
WU3
Pu/Pd
WU2
Pu/Pd
WU1
Pu/Pd
Res
WU3
EN
WU2
EN
WU1
EN
Group
Wakeup control
Wakeup control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com