Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 39Page - STMicroelectronics L99PM62XP Datasheet HTML 40Page - STMicroelectronics L99PM62XP Datasheet HTML 41Page - STMicroelectronics L99PM62XP Datasheet HTML 42Page - STMicroelectronics L99PM62XP Datasheet HTML 43Page - STMicroelectronics L99PM62XP Datasheet HTML 44Page - STMicroelectronics L99PM62XP Datasheet HTML 45Page - STMicroelectronics L99PM62XP Datasheet HTML 46Page - STMicroelectronics L99PM62XP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 4
43/98
5.4
Package and PCB thermal data
5.4.1
PowerSSO-36 thermal data
Figure 22.
PowerSSO-36 PC board
Note:
Layout condition of Rth and Zth measurements (board finish thickness 1.6 mm +/- 10% board
double layer, board dimension 129x60, board Material FR4, Cu thickness 0.070 mm (front
and back side), thermal vias separation 1.2 mm, thermal via diameter 0.3 mm +/- 0.08 mm,
Cu thickness on vias 0.025 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com